Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD524SD Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD524SD
Szczegółowy opis  Precision Instrumentation Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD524SD Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD524SD Datasheet HTML 3Page - Analog Devices AD524SD Datasheet HTML 4Page - Analog Devices AD524SD Datasheet HTML 5Page - Analog Devices AD524SD Datasheet HTML 6Page - Analog Devices AD524SD Datasheet HTML 7Page - Analog Devices AD524SD Datasheet HTML 8Page - Analog Devices AD524SD Datasheet HTML 9Page - Analog Devices AD524SD Datasheet HTML 10Page - Analog Devices AD524SD Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD524
Rev. F | Page 7 of 28
AD524C
AD524S
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
REFERENCE INPUT
RIN
40
40
kΩ ± 20%
IIN
15
15
μA
Voltage Range
10
10
V
Gain to Output
1
1
%
TEMPERATURE RANGE
Specified Performance
–25
+85
–55
+85
°C
Storage
–65
+150
–65
+150
°C
POWER SUPPLY
Power Supply Range
±6
±15
±18
±6
±15
±18
V
Quiescent Current
3.5
5.0
3.5
5.0
mA
1 Does not include effects of external resistor RG.
2 VOL is the maximum differential input voltage at G = 1 for specified nonlinearity.
VDL at the maximum = 10 V/G.
VD = actual differential input voltage.
Example: G = 10, VD = 0.50.
VCM = 12 V − (10/2 × 0.50 V) = 9.5 V.


Podobny numer części - AD524SD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD524SD AD-AD524SD Datasheet
392Kb / 16P
   Precision Instrumentation Amplifier
REV. E
AD524SD AD-AD524SD Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524SD AD-AD524SD Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD524SD AD-AD524SD Datasheet
583Kb / 25P
   Precision Instrumentation Amplifier
AD524SD/883B AD-AD524SD/883B Datasheet
392Kb / 16P
   Precision Instrumentation Amplifier
REV. E
More results

Podobny opis - AD524SD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com