Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD712KRZ-REEL Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD712KRZ-REEL
Szczegółowy opis  Dual Precision, Low Cost, High Speed BiFET Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD712KRZ-REEL Arkusz danych(HTML) 4 Page - Analog Devices

  AD712KRZ-REEL Datasheet HTML 1Page - Analog Devices AD712KRZ-REEL Datasheet HTML 2Page - Analog Devices AD712KRZ-REEL Datasheet HTML 3Page - Analog Devices AD712KRZ-REEL Datasheet HTML 4Page - Analog Devices AD712KRZ-REEL Datasheet HTML 5Page - Analog Devices AD712KRZ-REEL Datasheet HTML 6Page - Analog Devices AD712KRZ-REEL Datasheet HTML 7Page - Analog Devices AD712KRZ-REEL Datasheet HTML 8Page - Analog Devices AD712KRZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD712
Rev. G | Page 4 of 20
AD712J/A/S
AD712K
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CURRENT NOISE
0.01
0.01
pA/√Hz
OPEN-LOOP GAIN
150
400
200
400
V/mV
100/100/100
100
V/mV
OUTPUT CHARACTERISTICS
Voltage
+13, −12.5
+13.9, −13.3
+13, −12.5
+13.9, −13.3
V
±12/±12/±12
+13.8, −13.1
±12
+13.8, −13.1
V
Current
+25
+25
mA
POWER SUPPLY
Rated Performance
±15
±15
V
Operating Range
±4.5
±18
±4.5
±18
V
Quiescent Current
+5.0
+6.8
+5.0
+6.0
mA
1 Input offset voltage specifications are guaranteed after 5 minutes of operation at TA = 25°C.
2 Bias current specifications are guaranteed maximum at either input after 5 minutes of operation at TA = 25°C. For higher temperatures, the current doubles every 10°C.
3 Defined as voltage between inputs, such that neither exceeds ±10 V from ground.
4 Typically exceeding −14.1 V negative common-mode voltage on either input results in an output phase reversal.


Podobny numer części - AD712KRZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD712KR AD-AD712KR Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD712KR-REEL AD-AD712KR-REEL Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD712KR-REEL7 AD-AD712KR-REEL7 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
More results

Podobny opis - AD712KRZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com