Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8009AR-REEL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD8009AR-REEL
Szczegółowy opis  1 GHz, 5,500 V/??Low Distortion Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8009AR-REEL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD8009AR-REEL Datasheet HTML 7Page - Analog Devices AD8009AR-REEL Datasheet HTML 8Page - Analog Devices AD8009AR-REEL Datasheet HTML 9Page - Analog Devices AD8009AR-REEL Datasheet HTML 10Page - Analog Devices AD8009AR-REEL Datasheet HTML 11Page - Analog Devices AD8009AR-REEL Datasheet HTML 12Page - Analog Devices AD8009AR-REEL Datasheet HTML 13Page - Analog Devices AD8009AR-REEL Datasheet HTML 14Page - Analog Devices AD8009AR-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
–11–
REV. F
AD8009
10 F
AD8009
HP8753D
49.9
301
49.9
+5V
–5V
301
3
10 F
+
ZOUT = 50
ZIN = 50
+
0.001 F
0.1 F
0.001 F
0.1 F
2
7
4
6
WAVETEK 5201
BPF
TPC 37. AD8009 Driving a Band-Pass RF Filter
CENTER 50.000 MHz
SPAN 80.000 MHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
AD8009
G = 2
RF = RG= 301
DRIVING
WAVETEK 5201
TUNABLE BPF
fC = 50MHz
TPC 38. Frequency Response of Band-Pass Filter Circuit
APPLICATIONS
All current feedback op amps are affected by stray capacitance
on their –INPUT. TPCs 35 and 36 illustrate the AD8009’s
response to such capacitance.
TPC 35 shows the bandwidth can be extended by placing a
capacitor in parallel with the gain resistor. The small signal pulse
response corresponding to such an increase in capacitance/band-
width is shown in TPC 36.
As a practical consideration, the higher the capacitance on the
–INPUT to GND, the higher RF needs to be to minimize
peaking/ringing.
RF Filter Driver
The output drive capability, wide bandwidth, and low distortion
of the AD8009 are well suited for creating gain blocks that can
drive RF filters. Many of these filters require that the input be
driven by a 50
Ω source, while the output must be terminated in
50
Ω for the filters to exhibit their specified frequency response.
TPC 37 shows a circuit for driving and measuring the frequency
response of a filter, a Wavetek 5201 tunable band-pass filter that
is tuned to a 50 MHz center frequency. The HP8753D network
provides a stimulus signal for the measurement. The analyzer has
a 50
Ω source impedance that drives a cable that is terminated in
50
Ω at the high impedance noninverting input of the AD8009.
The AD8009 is set at a gain of +2. The series 50
Ω resistor at the
output, along with the 50
Ω termination provided by the filter and
its termination, yield an overall unity gain for the measured
path. The frequency response plot of TPC 38 shows the circuit
to have an insertion loss of 1.3 dB in the pass band and about
75 dB rejection in the stop band.


Podobny numer części - AD8009AR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8009AR-REEL AD-AD8009AR-REEL Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
More results

Podobny opis - AD8009AR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8009 AD-AD8009 Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Texas Instruments
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com