Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28256FUZ Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL28256FUZ
Szczegółowy opis  39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28256FUZ Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL28256FUZ Datasheet HTML 5Page - Intersil Corporation ISL28256FUZ Datasheet HTML 6Page - Intersil Corporation ISL28256FUZ Datasheet HTML 7Page - Intersil Corporation ISL28256FUZ Datasheet HTML 8Page - Intersil Corporation ISL28256FUZ Datasheet HTML 9Page - Intersil Corporation ISL28256FUZ Datasheet HTML 10Page - Intersil Corporation ISL28256FUZ Datasheet HTML 11Page - Intersil Corporation ISL28256FUZ Datasheet HTML 12Page - Intersil Corporation ISL28256FUZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6154.4
February 11, 2008
pin. The EN pin also has an internal pull-down. If left open, the
EN pin will pull to the negative rail and the device will be
enabled by default.
The loading effects of the feedback resistors of the disabled
amplifier must be considered when multiple amplifier outputs
are connected together.
Using Only One Channel
The ISL28256 is a dual op amp. If the application only
requires one channel, the user must configure the unused
channel to prevent it from oscillating. The unused channel
will oscillate if the input and output pins are floating. This will
result in higher than expected supply currents and possible
noise injection into the channel being used. The proper way
to prevent this oscillation is to short the output to the
negative input and ground the positive input (as shown in
Figure 36).
Current Limiting
These devices have no internal current-limiting circuitry. If
the output is shorted, it is possible to exceed the Absolute
Maximum Rating for output current or power dissipation,
potentially resulting in the destruction of the device.
Power Dissipation
It is possible to exceed the +125°C maximum junction
temperatures under certain load and power-supply
conditions. It is therefore important to calculate the
maximum junction temperature (TJMAX) for all applications
to determine if power supply voltages, load conditions, or
package type need to be modified to remain in the safe
operating area. These parameters are related using
Equation 1:
where:
•PDMAXTOTAL is the sum of the maximum power
dissipation of each amplifier in the package (PDMAX)
PDMAX for each amplifier can be calculated using Equation 2:
where:
•TMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
•PDMAX = Maximum power dissipation of 1 amplifier
•VS = Supply voltage
•IMAX = Maximum supply current of 1 amplifier
•VOUTMAX = Maximum output voltage swing of the
application
•RL = Load resistance
FIGURE 36. PREVENTING OSCILLATIONS IN UNUSED
CHANNELS
-
+
T
JMAX
T
MAX
θ
JAxPDMAXTOTAL
()
+
=
(EQ. 1)
PD
MAX
2*V
S
I
SMAX
V
S
(
- V
OUTMAX )
V
OUTMAX
R
L
----------------------------
×
+
×
=
(EQ. 2)
ISL28156, ISL28256


Podobny numer części - ISL28256FUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28256FUZ INTERSIL-ISL28256FUZ Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
ISL28256FUZ-T7 INTERSIL-ISL28256FUZ-T7 Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
More results

Podobny opis - ISL28256FUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28156 RENESAS-ISL28156 Datasheet
1Mb / 13P
   39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com