Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28168 Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL28168
Szczegółowy opis  34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28168 Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL28168 Datasheet HTML 3Page - Intersil Corporation ISL28168 Datasheet HTML 4Page - Intersil Corporation ISL28168 Datasheet HTML 5Page - Intersil Corporation ISL28168 Datasheet HTML 6Page - Intersil Corporation ISL28168 Datasheet HTML 7Page - Intersil Corporation ISL28168 Datasheet HTML 8Page - Intersil Corporation ISL28168 Datasheet HTML 9Page - Intersil Corporation ISL28168 Datasheet HTML 10Page - Intersil Corporation ISL28168 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN6378.2
September 13, 2007
FIGURE 19. INPUT BIAS CURRENT vs COMMON MODE
INPUT VOLTAGE
FIGURE 20. SUPPLY CURRENT ENABLED vs
TEMPERATURE, V+, V- = ±2.5V
FIGURE 21. SUPPLY CURRENT DISABLED vs
TEMPERATURE, V+, V- = ±2.5V
FIGURE 22. VOS (SOT PKG) vs TEMPERATURE, VIN = 0V,
V+, V- = ±2.75V
FIGURE 23. VOS (SOT PKG) vs TEMPERATURE, VIN = 0V,
V+, V- = ±2.5V
FIGURE 24. VOS (SOT PKG) vs TEMPERATURE, VIN = 0V,
V+, V- = ±1.2V
Typical Performance Curves V+ = 5V, V- = 0V,VCM = 2.5V, RL = Open (Continued)
-100
-80
-60
-40
-20
0
20
40
60
80
100
-1
012
3
456
VCM (V)
V+ = 5V
RL = OPEN
AV = +1000
Rf = 100k, Rg = 100
20
25
30
35
40
45
50
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN
MAX
N = 1000
MIN
5
6
7
8
9
10
11
12
13
14
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN
MAX
N = 1000
MIN
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
-40
-20
0
204060
80
100
120
TEMPERATURE (°C)
MEDIAN
MAX
N = 1000
MIN
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN
MAX
N = 1000
MIN
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN
MAX
N = 1000
MIN
ISL28168, ISL28268


Podobny numer części - ISL28168

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28168 INTERSIL-ISL28168 Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28168 RENESAS-ISL28168 Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
logo
Intersil Corporation
ISL28168EVAL1Z INTERSIL-ISL28168EVAL1Z Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28168EVAL1Z RENESAS-ISL28168EVAL1Z Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
logo
Intersil Corporation
ISL28168FHZ-T7 INTERSIL-ISL28168FHZ-T7 Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
More results

Podobny opis - ISL28168

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28168 RENESAS-ISL28168 Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com