Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD098T300 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części LD098T300
Szczegółowy opis  980nm High-Power Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LD098T300 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  LD098T300 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD098T300 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD098T300 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD098T300 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
(5) Inductive surges near equipment that emits high frequency EMI can damage or destroy lasers. Avoid using lasers near
fluorescent lamps or other sources of EMI emissions.
4. Soldering
Use a grounded soldering iron to solder laser leads. Solder at a temperature of no more than 250_C for a maximum of 3
seconds, at a point at least 2 mm from the base of the leads.
5.Handling laser diodes
Never touch the glass window of the laser. A damaged or dirtied window will impair the performance of the laser.
6. Handling packages
Due to the glass window in each device, packages must not be dropped or subjected to excessive pressure.
7. Safety
It is extremely dangerous to look, either directly or through a lens, at the laser beam emitted from a laser diode. Use a TV
camera or other similar device to adjust the optical axis.
Quality assurance
Laser diodes (semiconductor lasers) have a much longer life than other lasers such as gas or solid-state lasers. The
components of our lasers have optimum characteristic ranges.
1.Quality assurance system
(1) After the wafers have been manufactured, electrical and optical characteristics are measured to verify that
characteristics can be achieved as the manufacturing process progresses.
(2) In-process inspections are conducted at various manufacturing points to ensure the stability of our assembly
operations.
(3) All products are burned-in to minimize initial and random failures.
(4) Characteristics of all products are tested before shipping.
(5) Products are managed by wafer lot.
(6) Reliability tests are performed on randomly selected samples.
2.Quality assurance measures
(1) Materials, manufacturing conditions, and inspection are controlled and maintained based on company set
standards. Temperature, dust, humidity and other environmental conditions are also controlled based on company
standards.
(2) Measurement instruments used during the manufacturing process are regularly inspected and calibrated based on
company measurement control standards.
Safety
The laser beam emitted from a laser diode is almost invisible to both the human eye and the animal eye, however, it
will injure the eye and sufficient caution must be exercised to avoid direct exposure or exposure through a fiber to the
beam when a laser diode is in operation.
To adjust the optical axis or perform other similar work, we recommend using an infrared-sensitive ITV camera.
We also recommend that protective glasses be worn.
CVC INTERNATIONAL LLC


Podobny numer części - LD098T300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gulf Semiconductor
LD005 GULFSEMI-LD005 Datasheet
202Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
Teledyne Technologies I...
LD00KM TELEDYNE-LD00KM Datasheet
568Kb / 3P
   10A, 270Vdc, Optically Isolated NEW Silicon Carbide, DC Solid-State Relay
06/2023
logo
Gulf Semiconductor
LD01 GULFSEMI-LD01 Datasheet
202Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
HALO Electronics, Inc.
LD01-0166F4LF HALO-LD01-0166F4LF Datasheet
446Kb / 2P
   DIL and SMD Packages
LD01-0366F4LF HALO-LD01-0366F4LF Datasheet
446Kb / 2P
   DIL and SMD Packages
More results

Podobny opis - LD098T300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bookham, Inc.
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
   ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Bookham, Inc.
SPC40C-980-01 BOOKHAM-SPC40C-980-01 Datasheet
233Kb / 4P
   40W / 30W 980nm High Brightness Single-Mode Laser Diode Bar on Passive Cu Block Cooler
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com