Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD098T300 Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części LD098T300
Szczegółowy opis  980nm High-Power Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LD098T300 Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  LD098T300 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD098T300 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD098T300 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD098T300 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Notes
1. No unauthorized transmission or reproduction of this specification, either in whole or in part, is permitted.
2. The contents of this book are subject to change without notice. Always verify before use that the contents are the
latest specifications. If, by any chance, a defect should arise in the equipment as a result of use without verification of
the specifications, CVC INTERNATIONAL LLC can bear no responsibility whatsoever.
3. Upon the sale of any such devices; other than for the buyer’s right to use such devices itself, resell or otherwise
dispose of the same; no express or implied right or license to practice or
commercially exploit any intellectual
property rights or other proprietary rights owned or controlled by CVC INTERNATIONAL LLC is granted to any such
buyer.
4. Notes when exporting: Please be sure to consult with our sales representatives to ascertain whether any product
is classified as a strategic material.
CVC INTERNATIONAL LLC


Podobny numer części - LD098T300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gulf Semiconductor
LD005 GULFSEMI-LD005 Datasheet
202Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
Teledyne Technologies I...
LD00KM TELEDYNE-LD00KM Datasheet
568Kb / 3P
   10A, 270Vdc, Optically Isolated NEW Silicon Carbide, DC Solid-State Relay
06/2023
logo
Gulf Semiconductor
LD01 GULFSEMI-LD01 Datasheet
202Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
HALO Electronics, Inc.
LD01-0166F4LF HALO-LD01-0166F4LF Datasheet
446Kb / 2P
   DIL and SMD Packages
LD01-0366F4LF HALO-LD01-0366F4LF Datasheet
446Kb / 2P
   DIL and SMD Packages
More results

Podobny opis - LD098T300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bookham, Inc.
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
   ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Bookham, Inc.
SPC40C-980-01 BOOKHAM-SPC40C-980-01 Datasheet
233Kb / 4P
   40W / 30W 980nm High Brightness Single-Mode Laser Diode Bar on Passive Cu Block Cooler
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com