Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD098T1000 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części LD098T1000
Szczegółowy opis  980nm High-Power Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LD098T1000 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  LD098T1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD098T1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD098T1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD098T1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
C-block 1 (c )
mm
C-block 2 (s )
mm
Operation notes
1. Absolute maximum ratings
If an excessively large current flows in a laser diode, a large optical output will occur and the emitting facet may sustain
damage. This optical damage can occur even with momentary over-current. For this reason, absolute maximum ratings
which must not be exceeded even momentarily have been established. Exercise particular caution with respect to the drive
voltage supply and static electricity. We guarantee use within the absolute maximum ratings. These ratings are established
for a case temperature of 25_C. As the temperature of a laser diode increases, its maximum output will decrease and the
operating range will shrink. Even when operated within the absolute maximum ratings, operation at high temperature will
result in a shorter life than operation at low temperature. For this reason, the design should include sufficient margin for heat
radiation and light output.
2. Heat radiation conditions
Like other semiconductors, prolonged operation of a laser diode will cause heat to build up at junctions and increased case
temperature. For this reason, attach aluminum, copper (or other) heat sinks (at least 30 _ 30 _ 3mm) to the stem of the laser.
3.Protection against damage due to electrostatic discharge and other current surges
Electrostatic discharge and other current surges can cause deterioration and damage in laser diodes, resulting in reduced
reliability ,We advise taking the following protective measures :
1)Ground the device and circuits. Install surge filters, surge reduction transformers, or other electrostatic discharge
protectors in the power supply inputs.
(2) When working with laser diodes wear anti-static clothing, including footwear and caps. Materials should be selected
carefully.’ Grounded wrist should always be worn while working with laser diodes, and the strap should be grounded through
a 1 M
Ω resistance.
(3) Use anti-static containers for transport and storage.
(4) Laser deterioration and damage can occur due to excessive current spikes when the power is turned on or off. Design
circuits to avoid the generation of excessive current spikes.
CVC INTERNATIONAL LLC


Podobny numer części - LD098T1000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gulf Semiconductor
LD005 GULFSEMI-LD005 Datasheet
202Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
Teledyne Technologies I...
LD00KM TELEDYNE-LD00KM Datasheet
568Kb / 3P
   10A, 270Vdc, Optically Isolated NEW Silicon Carbide, DC Solid-State Relay
06/2023
logo
Gulf Semiconductor
LD01 GULFSEMI-LD01 Datasheet
202Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
HALO Electronics, Inc.
LD01-0166F4LF HALO-LD01-0166F4LF Datasheet
446Kb / 2P
   DIL and SMD Packages
LD01-0366F4LF HALO-LD01-0366F4LF Datasheet
446Kb / 2P
   DIL and SMD Packages
More results

Podobny opis - LD098T1000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bookham, Inc.
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
   ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Bookham, Inc.
SPC40C-980-01 BOOKHAM-SPC40C-980-01 Datasheet
233Kb / 4P
   40W / 30W 980nm High Brightness Single-Mode Laser Diode Bar on Passive Cu Block Cooler
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com