Zakładka z wyszukiwarką danych komponentów |
|
ISL28194FHZ-T7 Arkusz danych(PDF) 2 Page - Intersil Corporation |
|
ISL28194FHZ-T7 Arkusz danych(HTML) 2 Page - Intersil Corporation |
2 / 16 page 2 FN6236.3 October 9, 2007 Absolute Maximum Ratings (TA = +25°C) Thermal Information Supply Voltage (V+, V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.75V Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/ μs Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA Differential Input Voltage . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V Thermal Resistance (Typical, Note 1) θJA (°C/W) 6 Ld SOT-23. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 230 6 Ld µTDFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 117.52 Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTE: 1. θ JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25°C, Unless Otherwise Specified. Boldface limits apply over -40°C to +125°C. PARAMETER DESCRIPTION CONDITIONS MIN (Note 2) TYP MAX (Note 2) UNIT VOS Input Offset Voltage -2 -2.5 -0.1 2 2.5 mV mV Input Offset Voltage vs Temperature 1.5 µV/°C IOS Input Offset Current -60 -100 10 60 100 pA pA IB Input Bias Current -80 -150 15 80 150 pA pA eN Input Noise Voltage Peak-to-Peak ISL28194; f = 0.1Hz to 10Hz 10 µVPP ISL28195; f = 0.1Hz to 10Hz 4 µVPP Input Noise Voltage Density ISL28194 fo = 100Hz 265 nV/ √Hz ISL28195 fo = 1kHz 150 nV/ √Hz iN Input Noise Current Density ISL28194 fo = 100Hz 0.7 pA/ √Hz ISL28195 fo = 1kHz 0.42 pA/ √Hz CMIR Common Mode Input Range Established by CMRR test 05 V CMRR Common-Mode Rejection Ratio VCM = 0.5V to 3.5V 70 70 100 dB VCM = 0V to 5V 55 90 dB PSRR Power Supply Rejection Ratio V+ = 1.8V to 5.0V 70 70 100 dB AVOL Large Signal Voltage Gain VO = 0.5V to 3.5V, RL = 100kΩ, RL = 10kΩ 75 115 dB VOUT Maximum Output Voltage Swing RL terminated to V+/2 Output low, RL = 100kΩ 25 40 mV Output low, RL = 10kΩ 50 70 mV Output high, RL = 100kΩ 4.96 4.975 V Output high, RL = 10kΩ 4.93 4.94 V SR Slew Rate ISL28194 ±1.5V, AV = 2 1.2 V/ms ISL28195 4.2 V/ms GBW Gain Bandwidth Product ISL28194; AV = 101; RL = 10kΩ 3.5 kHz Gain Bandwidth Product ISL28195; AV = 101; RL = 10kΩ 10 kHz ΔV OS ΔT ---------------- ISL28194, ISL28195 |
Podobny numer części - ISL28194FHZ-T7 |
|
Podobny opis - ISL28194FHZ-T7 |