Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28291FBZ-T7 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL28291FBZ-T7
Szczegółowy opis  Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28291FBZ-T7 Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL28291FBZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28291FBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28291FBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28291FBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28291FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28291FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28291FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28291FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28291FBZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN6156.5
February 20, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Tolerance
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance
θJA (°C/W)
6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
230
6 Ld µTDFN Package . . . . . . . . . . . . . . . . . . . . . . .
120
8 Ld SO Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
10 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . .
115
6 Ld µTQFN Package . . . . . . . . . . . . . . . . . . . . . . .
143
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = 5.0V, V- = GND, RL = Open, RF = 1kΩ, AV = -1 unless otherwise specified. Parameters are per amplifier.
Typical values are at V+= 5V, TA = +25°C. Boldface limits apply over the operating temperature range,
-40°C to +125°C, temperature data guaranteed by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 3)
TYP
MAX
(Note 3)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
270
630
840
µV
Input Offset Drift vs Temperature
Figure 21
3.1
µV/°C
IIO
Input Offset Current
35
500
900
nA
IB
Input Bias Current
36
7
µA
CMIR
Common-Mode Input Range
0
3.8
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 3.8V
78
100
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 5V
74
80
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4V, RL = 1kΩ
90
86
98
dB
VOUT
Maximum Output Voltage Swing
Output low, RL = 1kΩ
20
50
80
mV
Output high, RL = 1kΩ, V+ = 5V
4.95
4.92
4.97
V
IS,ON
Supply Current, Enabled
2.6
3.5
3.9
mA
IS,OFF
Supply Current, Disabled
26
35
48
µA
IO+
Short-Circuit Output Current
RL = 10Ω
95
90
130
mA
IO-
Short-Circuit Output Current
RL = 10Ω
95
90
130
mA
VSUPPLY
Supply Operating Range
V+ to V-
3
5.5
V
VENH
EN High Level
Referred to V-
2
V
VENL
EN Low Level
Referred to V-
0.8
V
ΔV
OS
ΔT
----------------
ISL28191, ISL28291


Podobny numer części - ISL28291FBZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28291FBZ-T7 INTERSIL-ISL28291FBZ-T7 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28291FBZ-T7 RENESAS-ISL28291FBZ-T7 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
More results

Podobny opis - ISL28291FBZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com