Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C-13-010-TX Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części C-13-010-TX
Szczegółowy opis  10Gbps 1310 nm MQW-FP Laser Diode Module-TOSA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

C-13-010-TX Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

  C-13-010-TX Datasheet HTML 1Page - List of Unclassifed Manufacturers C-13-010-TX Datasheet HTML 2Page - List of Unclassifed Manufacturers C-13-010-TX Datasheet HTML 3Page - List of Unclassifed Manufacturers C-13-010-TX Datasheet HTML 4Page - List of Unclassifed Manufacturers C-13-010-TX Datasheet HTML 5Page - List of Unclassifed Manufacturers C-13-010-TX Datasheet HTML 6Page - List of Unclassifed Manufacturers C-13-010-TX Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
10Gbps 1310 nm
MQW-FP Laser Diode Module-TOSA
C-13-010-TX-SXXXX
LUMINENTOIC.COM
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS530-APR2505
rev. A.2
C-13-010-TX-SLCMB
C-13-010-TX-SLC2B
Optical Plane
Units in mm


Podobny numer części - C-13-010-TX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
C-13-010-PK-SLC2I SOURCE-C-13-010-PK-SLC2I Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
C-13-010-PK-SLCMI SOURCE-C-13-010-PK-SLCMI Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
C-13-010-PK-SSC2I SOURCE-C-13-010-PK-SSC2I Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
C-13-010-PK-SSCMI SOURCE-C-13-010-PK-SSCMI Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
More results

Podobny opis - C-13-010-TX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
C-13-010-PK-SSC2I SOURCE-C-13-010-PK-SSC2I Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
C-13-DFB10-TJ-SSC2I SOURCE-C-13-DFB10-TJ-SSC2I Datasheet
1Mb / 5P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-TA-SSCMI SOURCE-C-13-DFB10-TA-SSCMI Datasheet
1Mb / 8P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-TK-SSCMI-01 SOURCE-C-13-DFB10-TK-SSCMI-01 Datasheet
976Kb / 5P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-Differential TOSA
C-13-DFB10-TA-SSCMI-HT SOURCE-C-13-DFB10-TA-SSCMI-HT Datasheet
1Mb / 8P
   10Gbps 1310 nm 0 ~ 85쨘C MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-PK-SSC2I SOURCE-C-13-DFB10-PK-SSC2I Datasheet
1Mb / 4P
   10Gbps 1310 nm MQW-DFB Laser Diode Pigtailed Module-Differential TOSA
C-13-DFB10-TJ-SSC2I-HT-01 SOURCE-C-13-DFB10-TJ-SSC2I-HT-01 Datasheet
1Mb / 5P
   10Gbps 1310 nm 0 ~ 85쨘C MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-PK-SSCLI SOURCE-C-13-DFB10-PK-SSCLI Datasheet
849Kb / 4P
   10Gbps 1310 nm MQW-DFB Laser Diode Pigtailed Module-Differential TOSA
C-13-DFB10-TK-SSC2I-HT-01 SOURCE-C-13-DFB10-TK-SSC2I-HT-01 Datasheet
967Kb / 5P
   10Gbps 1310 nm 0 ~ 85쨘C MQW-DFB Laser Diode Module-Differential TOSA
C-13-DFB10-TJ-SLC2I SOURCE-C-13-DFB10-TJ-SLC2I Datasheet
653Kb / 3P
   10 Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com