Zakładka z wyszukiwarką danych komponentów |
|
DS1305E+T Arkusz danych(PDF) 16 Page - Dallas Semiconductor |
|
DS1305E+T Arkusz danych(HTML) 16 Page - Dallas Semiconductor |
16 / 21 page DS1305 16 of 21 DC ELECTRICAL CHARACTERISTICS (Over the operating range, unless otherwise specified.) PARAMETER SYMBOL MIN TYP MAX UNITS NOTES Input Leakage ILI -100 +500 µA Output Leakage ILO -1 1 µA IOL= 1.5mA VCC = 2.0V 0.4 Logic 0 Output IOL = 4.0mA VOL VCC = 5V 0.4 V IOH = -0.4mA VCCIF = 2.0V 1.6 Logic 1 Output IOH = -1.0mA VOH VCCIF = 5V 2.4 V VCC1 = 2.0V 0.425 VCC1 Active Supply Current ICC1A VCC1 = 5V 1.28 mA 2, 8 VCC1 = 2.0V 25.3 VCC1 Timekeeping Current (Osc on) ICC1T VCC1 = 5V 81 µA 1, 8, 12 VCC1 = 2.0V 25 VCC1 Standby Current (Osc off) ICC1S VCC1 = 5V 80 µA 6, 8, 12 VCC2 = 2.0V 0.4 VCC2 Active Supply Current ICC2A VCC2 = 5V 1.2 mA 2, 9 VCC2 = 2.0V 0.3 VCC2 Timekeeping Current (Osc on) ICC2T VCC2 = 5V 1 µA 1, 9, 12 VCC2 = 2.0V 200 VCC2 Standby Current (Osc off) ICC2S VCC2 = 5V 200 nA 6, 9, 12 Battery Timekeeping Current IBAT VBAT = 3V 400 nA 10, 12 Battery Standby Current IBATS VBAT = 3V 200 nA 10, 12 VCC Trip Point VCCTP VBAT - 50 VBAT + 200 mV R1 2 R2 4 Trickle Charge Resistors R3 8 k W Trickle Charge Diode Voltage Drop VTD 0.7 V CAPACITANCE (TA = +25 °C) PARAMETER SYMBOL MIN TYP MAX UNITS NOTES Input Capacitance CI 10 pF Output Capacitance CO 15 pF Crystal Capacitance CX 6 pF |
Podobny numer części - DS1305E+T |
|
Podobny opis - DS1305E+T |