Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BY268 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części BY268
Szczegółowy opis  Fast Avalanche Sinterglass Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY268 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  BY268_05 Datasheet HTML 1Page - Vishay Siliconix BY268_05 Datasheet HTML 2Page - Vishay Siliconix BY268_05 Datasheet HTML 3Page - Vishay Siliconix BY268_05 Datasheet HTML 4Page - Vishay Siliconix BY268_05 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 86005
Rev. 1.6, 13-Apr-05
BY268 / BY269
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 0.4 A
VF
1.25
V
Reverse current
VR = 1400 V
BY268
IR
12
µA
VR = 1600 V
BY269
IR
12
µA
VR = 1400 V, Tj = 100 °C
BY268
IR
15
µA
VR = 1600 V, Tj = 100 °C
BY269
IR
15
µA
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
trr
400
ns
Figure 1. Typ. Thermal Resistance vs. Lead Length
Figure 2. Forward Current vs. Forward Voltage
0
0
20
40
60
80
120
l – Lead Length ( mm )
94 9090
510
15
25
30
20
100
ll
TL= constant
0.001
0.01
0.1
1
10
0.0
0.5
1.0
1.5
2.0
2.5
VF - Forward V oltage(V)
16412
Tj =25°C
Tj =175°C
Figure 3. Max. Average Forward Current vs. Ambient Temperature
Figure 4. Reverse Current vs. Junction Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
20
40
60
80 100 120 140 160 180
Tamb - Ambient Temperature (
° C)
16413
VR =VRRM
half sinewave
RthJA =45K/W
l=10mm
RthJA=100 K/W
PCB:d=25mm
1
10
100
1000
25
50
75
100
125
150
175
Tj - Junction T emperature (
°C)
16414
VR =VRRM


Podobny numer części - BY268_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gulf Semiconductor
BY268GP GULFSEMI-BY268GP Datasheet
148Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1400 TO 1600V CURRENT: 0.8A
logo
Vishay Siliconix
BY268 VISHAY-BY268_10 Datasheet
119Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY268 VISHAY-BY268_15 Datasheet
125Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
More results

Podobny opis - BY268_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 31-Mar-10
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
   Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV12 VISHAY-BYV12_10 Datasheet
452Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com