Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ACT10D Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ACT10D
Szczegółowy opis  TRIPLE-3-INPUT PSITIVE-NAND GATES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT10D Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74ACT10D Datasheet HTML 1Page - Texas Instruments SN74ACT10D Datasheet HTML 2Page - Texas Instruments SN74ACT10D Datasheet HTML 3Page - Texas Instruments SN74ACT10D Datasheet HTML 4Page - Texas Instruments SN74ACT10D Datasheet HTML 5Page - Texas Instruments SN74ACT10D Datasheet HTML 6Page - Texas Instruments SN74ACT10D Datasheet HTML 7Page - Texas Instruments SN74ACT10D Datasheet HTML 8Page - Texas Instruments SN74ACT10D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN54ACT10, SN74ACT10
TRIPLE 3INPUT POSITIVENAND GATES
SCAS526C − AUGUST 1995 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
50% VCC
50% VCC
Input
(see Note B)
Out-of-Phase
Output
In-Phase
Output
50% VCC
VOLTAGE WAVEFORMS
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
500
Open
TEST
tPLH/tPHL
S1
Open
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr v 2.5 ns, tf v 2.5 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Podobny numer części - SN74ACT10D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT10D TI-SN74ACT10D Datasheet
79Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74ACT10D TI1-SN74ACT10D Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74ACT10DB TI-SN74ACT10DB Datasheet
79Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74ACT10DBLE TI1-SN74ACT10DBLE Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74ACT10DBR TI1-SN74ACT10DBR Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results

Podobny opis - SN74ACT10D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DM54L10 NSC-DM54L10 Datasheet
82Kb / 4P
   Triple 3-Input NAND Gates
5410 NSC-5410 Datasheet
93Kb / 4P
   Triple 3-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS10 AEROFLEX-UT54ACS10 Datasheet
230Kb / 9P
   Triple 3-Input NAND Gates
logo
Renesas Technology Corp
HD74HC10 RENESAS-HD74HC10 Datasheet
84Kb / 7P
   Triple 3-input NAND Gates
logo
Hitachi Semiconductor
HD74HC10 HITACHI-HD74HC10 Datasheet
39Kb / 7P
   Triple 3-input NAND Gates
logo
National Semiconductor ...
54LS10 NSC-54LS10 Datasheet
120Kb / 6P
   Triple 3-Input NAND Gates
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
   Triple 3-Input Positive NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Potato Semiconductor Co...
PO74G10A POTATO-PO74G10A_14 Datasheet
1Mb / 5P
   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com