Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34674C Arkusz danych(PDF) 7 Page - Freescale Semiconductor, Inc

Numer części MC34674C
Szczegółowy opis  High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34674C Arkusz danych(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC34674C Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34674C Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34674C Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34674C Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34674C Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34674C Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34674C Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34674C Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34674C Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34674
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CHARGE THRESHOLDS
Trickle-mode Rising Threshold Voltage
VTRKL
2.8
2.9
3.0
V
Trickle-mode Threshold Voltage Hysteresis
VTRKLHYS
-
100
-
mV
Recharge Falling Threshold Voltage
VRECH
4.07
4.10
4.135
V
Recharge Threshold Voltage Hysteresis
VTHRCHG
-
25
50
mV
BATTERY CONNECTION VERIFICATION
Battery Connection Verification Discharge Current (Over 0.8V to
5.0V)(10)
IDCHG
4.5
6.0
7.5
mA
Output Current in Charge Completion State(10)
ICC
-
24
-
µA
Discharge Current in Charge Completion State During the 82ms(10)
IDCC
-
585
-
µA
NTC INTERFACE
Low Temperature Rising Threshold(11)
VLTRT
0.6592
2/3
0.6741
VREF
Low Temperature Falling Threshold(11)
VLTFT
-
0.6468
-
VREF
High Temperature Falling Threshold(11)
VHTFT
0.3297
1/3
0.3389
VREF
High Temperature Rising Threshold(11)
VHTRT
-
0.3441
-
VREF
Die Thermal Limit
TLIM
95
110
125
°C
LOGIC INPUT AND OUTPUT
EN Input High Threshold Voltage
VIH
1.5
-
-
V
EN Input Low Threshold Voltage
VIL
-
-
0.5
V
EN Pin Internal Pull-Down Current
IEN
-
2.0
7.5
µA
GRN and RED Sink Current
Pin voltage is between 0.8V and 5.0V
IGRSINK
5.0
6.0
7.0
mA
Open-Drain Off Leakage
Biased at 5.0V
IODLEAK
-
-
1.0
µA
Notes
10.
Not tested. Guaranteed by design.
11.
These threshold parameters are specified as a ratio of VTEMP/VREF. Due to the negative-temperature-coefficient thermistor, VTEMP
rises when the temperature is falling from high to low, and VTEMP falls when the temperature is rising from low to high.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions VIN = 5.0V, -40°C ≤ TA ≤ 85°C, CIN = COUT = 1µF (see Figure 1), unless otherwise
noted. Typical values noted reflect the approximate parameter means at VIN = 5.0V and TA = 25°C under nominal conditions,
unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Podobny numer części - MC34674C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34674CEP/R2 FREESCALE-MC34674CEP/R2 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
More results

Podobny opis - MC34674C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com