Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL074MN Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TL074MN
Szczegółowy opis  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL074MN Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TL074MN Datasheet HTML 2Page - Texas Instruments TL074MN Datasheet HTML 3Page - Texas Instruments TL074MN Datasheet HTML 4Page - Texas Instruments TL074MN Datasheet HTML 5Page - Texas Instruments TL074MN Datasheet HTML 6Page - Texas Instruments TL074MN Datasheet HTML 7Page - Texas Instruments TL074MN Datasheet HTML 8Page - Texas Instruments TL074MN Datasheet HTML 9Page - Texas Instruments TL074MN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TL071, TL071A, TL071B, TL072
TL072A, TL072B, TL074, TL074A, TL074B
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS080D – SEPTEMBER 1978 – REVISED AUGUST 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC± = ±15 V (unless otherwise noted)
TL071M
TL074M
PARAMETER
TEST CONDITIONS†
TA‡
TL072M
TL074M
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VO =0
RS =50 Ω
25
°C
3
6
3
9
mV
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
Full range
9
15
mV
αVIO
Temperature coefficient of
input offset voltage
VO = 0,
RS = 50 Ω
Full range
18
18
µV/°C
IIO
Input offset current
VO =0
25
°C
5
100
5
100
pA
IIO
Input offset current
VO = 0
Full range
20
20
nA
IIB
Input bias current‡
VO =0
25
°C
65
200
65
200
pA
IIB
Input bias current‡
VO = 0
50
50
nA
VICR
Common-mode input
voltage range
25
°C
±11
–12
to
15
±11
–12
to
15
V
Mi
k
t
t
RL = 10 kΩ
25
°C
±12 ±13.5
±12 ±13.5
VOM
Maximum peak output
voltage swing
RL ≥ 10 kΩ
Full range
±12
±12
V
voltage swing
RL ≥ 2 kΩ
Full range
±10
±10
AVD
Large-signal differential
VO = ±10 V
RL ≥ 2kΩ
25
°C
35
200
35
200
V/mV
AVD
gg
voltage amplification
VO = ±10 V, RL ≥ 2 kΩ
15
15
V/mV
B1
Unity-gain bandwidth
TA = 25°C
3
3
MHz
ri
Input resistance
TA = 25°C
1012
1012
CMRR
Common-mode rejection
VIC = VICRmin,
25
°C
80
86
80
86
dB
CMRR
ratio
VO = 0,
RS = 50 Ω
25
°C
80
86
80
86
dB
kSVR
Supply-voltage rejection
VCC = ± 9 V to ± 15 V,
25
°C
80
86
80
86
dB
kSVR
ratio (
∆VCC±/∆VIO)
VO = 0,
RS = 50 Ω
25
°C
80
86
80
86
dB
ICC
Supply current (each
amplifier)
VO = 0,
No load
25
°C
1.4
2.5
1.4
2.5
mA
VO1/VO2 Crosstalk attenuation
AVD = 100
25
°C
120
120
dB
† Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive as shown in
Figure 4. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible.
‡ All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified. Full range is
TA = – 55°C to 125°C.


Podobny numer części - TL074MN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TL074MN STMICROELECTRONICS-TL074MN Datasheet
108Kb / 11P
   LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL074MN TI-TL074MN Datasheet
903Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Podobny opis - TL074MN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI1-TL071_16 Datasheet
2Mb / 51P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI1-TL071_18 Datasheet
2Mb / 68P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI-TL071_07 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071CPSE4 TI-TL071CPSE4 Datasheet
1Mb / 49P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074ING4 TI-TL074ING4 Datasheet
908Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com