Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M27C2001-25XC6X Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części M27C2001-25XC6X
Szczegółowy opis  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001-25XC6X Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button M27C2001-25XC6X Datasheet HTML 2Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 3Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 4Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 5Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 6Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 7Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 8Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 9Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
M27C2001
6/16
Figure 5. Read Mode AC Waveforms
AI00719B
tAXQX
tEHQZ
A0-A17
E
G
Q0-Q7
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
VALID
Table 8B. Read Mode AC Characteristics (1)
(TA = 0 to 70
°C or –40 to 85 °C; VCC =5V ± 5% or 5V ± 10%; VPP =VCC)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
Symbol
Alt
Parameter
Test Condition
M27V2001
Unit
-10
-12
-15/-20/-25
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to Output
Valid
E= VIL,G = VIL
100
120
150
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G= VIL
100
120
150
ns
tGLQV
tOE
Output Enable Low to
Output Valid
E= VIL
50
50
60
ns
tEHQZ
(2)
tDF
Chip Enable High to
Output Hi-Z
G= VIL
030
0
40050
ns
tGHQZ
(2)
tDF
Output Enable High to
Output Hi-Z
E= VIL
030
0
40050
ns
tAXQX
tOH
Address Transition to
Output Transition
E= VIL,G = VIL
00
0
ns
Programming
When delivered (and after each erasure for UV
EPROM), all bits of the M27C2001 are in the ’1’
state. Data is introduced by selectively program-
ming ’0’s into the desired bit locations. Although
only ’0’s will be programmed, both ’1’s and ’0’s can
be present in the data word. The only way to
change a ’0’ to a ’1’ is by die exposition to ultravio-
let light (UV EPROM). The M27C2001 is in the
programming mode when VPP input is at 12.75V,
Eis at VIL and P is pulsed to VIL. The data to be
programmed is applied to 8 bits in parallel to the
data output pins. The levels required for the ad-
dress and data inputs are TTL. VCC is specified to
be 6.25V
±0.25V.


Podobny numer części - M27C2001-25XC6X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C2001-25XC6TR STMICROELECTRONICS-M27C2001-25XC6TR Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results

Podobny opis - M27C2001-25XC6X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27W201 STMICROELECTRONICS-M27W201_06 Datasheet
231Kb / 24P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
April 2006 Rev 4
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com