Zakładka z wyszukiwarką danych komponentów |
|
KFXXB Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
KFXXB Arkusz danych(HTML) 8 Page - STMicroelectronics |
8 / 20 page Electrical characteristics KFxxB 8/20 Table 6. Electrical characteristics for KF33 (refer to the test circuits, TJ = 25 °C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage IO = 50 mA, VI = 5.3 V 3.234 3.3 3.366 V IO = 50 mA, VI = 5.3 V, Ta = -25 to 85°C 3.168 3.432 VI Operating input voltage IO = 500 mA 20 V IO Output current limit 1 A ΔVO Line regulation VI = 4.3 to 20 V, IO = 5 mA 2 12 mV ΔVO Load regulation VI = 4.6 V, IO = 5 to 500 mA 2 50 mV Id Quiescent current VI = 4.3 to 20V, IO = 0mA ON MODE 0.5 1 mA VI = 4.6 to 20V, IO=500mA 12 VI = 6 V OFF MODE 50 100 µA SVR Supply voltage rejection IO = 5 mA, VI = 5.3 ± 1 V f = 120 Hz 80 dB f = 1 kHz 75 f = 10 kHz 60 eN Output noise voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control input logic low Ta = -40 to 125°C 0.8 V VIH Control input logic high Ta = -40 to 125°C 2 V II Control input current VI = 6 V, VC = 6 V 10 µA CO Output bypass capacitance ESR = 0.1 to 10 Ω, IO = 0 to 500 mA 2 10 µF |
Podobny numer części - KFXXB_08 |
|
Podobny opis - KFXXB_08 |