Zakładka z wyszukiwarką danych komponentów |
|
LF25CPT-TR Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
LF25CPT-TR Arkusz danych(HTML) 8 Page - STMicroelectronics |
8 / 49 page Electrical characteristics LFxxAB - LFxxC 8/49 4 Electrical characteristics Table 4. Electrical characteristics for LF15AB (refer to the test circuits, TJ = 25 °C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage IO = 50 mA, VI = 3.5 V 1.485 1.5 1.515 V IO = 50 mA, VI = 3.5 V, Ta = -25 to 85°C 1.470 1.530 VI Operating input voltage IO = 500 mA 2.5 16 V IO Output current limit 1 A ΔVO Line regulation VI = 2.5 to 16 V, IO = 5 mA 2 10 mV ΔVO Load regulation VI = 2.8 V, IO = 5 to 500 mA 2 10 mV Id Quiescent current VI = 2.5 to 16V, IO = 0mA ON MODE 0.5 1 mA VI = 2.8 to 16V, IO=500mA 12 VI = 6 V OFF MODE 50 100 µA SVR Supply voltage rejection IO = 5 mA, VI = 3.5 ± 1 V f = 120 Hz 82 dB f = 1 kHz 77 f = 10 kHz 65 eN Output noise voltage B = 10 Hz to 100 kHz 50 µV Vd Dropout voltage IO = 200 mA 1 V VIL Control input logic low Ta = -40 to 125°C 0.8 V VIH Control input logic high Ta = -40 to 125°C 2 V II Control input current VI = 6 V, VC = 6 V 10 µA CO Output bypass capacitance ESR = 0.1 to 10 Ω, IO = 0 to 500 mA 2 10 µF |
Podobny numer części - LF25CPT-TR |
|
Podobny opis - LF25CPT-TR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |