Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA5050 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA5050
Szczegółowy opis  STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA5050 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPA5050 Datasheet HTML 6Page - Texas Instruments TPA5050 Datasheet HTML 7Page - Texas Instruments TPA5050 Datasheet HTML 8Page - Texas Instruments TPA5050 Datasheet HTML 9Page - Texas Instruments TPA5050 Datasheet HTML 10Page - Texas Instruments TPA5050 Datasheet HTML 11Page - Texas Instruments TPA5050 Datasheet HTML 12Page - Texas Instruments TPA5050 Datasheet HTML 13Page - Texas Instruments TPA5050 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
SERIAL CONTROL INTERFACE REGISTER SUMMARY
CONTROL REGISTER (0x01)
AUDIO DELAY REGISTERS (0x02–0x05)
FRAME DELAY REGISTERS (0x06)
TPA5050
SLOS492B – MAY 2006 – REVISED MAY 2007
Table 2. Serial Control Register Summary
REGISTER
REGISTER NAME
NO. OF
CONTENTS
INITIALIZATION
BYTES
VALUE
0x01
Control Register
1
Description shown in subsequent section
00
0x02
Right Delay Upper (5 bits)
1
Description shown in subsequent section
00
0x03
Right Delay Lower (8 bits)
1
Description shown in subsequent section
00
0x04
Left Delay Upper (5 bits)
1
Description shown in subsequent section
00
0x05
Left Delay Lower (8 bits)
1
Description shown in subsequent section
00
0x06
Frame Delay
1
Description shown in subsequent section
00
0x07
RJ Packet Length
1
Description shown in subsequent section
00
0x08
Complete Update
1
Description shown in subsequent section
00
The control register allows the user to mute a specific audio channel. It is also used to specify the data type (I2S,
Right-Justified, or Left-Justified.
Table 3. Control Registers (0x01)(1)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
X
X
X
X
Left and Right channel are active.
0
1
X
X
X
X
Left channel is MUTED.
1
0
X
X
X
X
Right channel is MUTED.
1
1
X
X
X
X
Left and Right channel are MUTED.
X
X
X
X
0
0
I2S data format
X
X
X
X
0
1
Right-justified data format (see PACKET LENGTH register 0x07)
X
X
X
X
1
0
Left-justified data format
X
X
X
X
1
1
Bypass mode – data is passed straight through without delay.
(1)
Default values are in bold.
The audio delay for the left and right channels is fixed by writing a total of 13 bits (2 byte transfer) to upper and
lower registers as specified in Table 1. A multiple byte transfer should be performed starting with the control
register and following with 4 bytes to fill the upper and lower registers associated with right/left channel delay.
The decimal value of D0–D12 equals the number of samples to delay. The maximum number of delayed
samples is 8191 for the TPA5050. This equates to 170.65 ms [8191
× (1/fs)] at 48 kHz.
Table 4. Audio Delay Registers (0x02–0x05)(1)
D12
D11
D10–D2
D1
D0
FUNCTION
0
0
0
0
0
Left and Right audio is passed to output with no delay.
0
0
0
0
1
Left and Right audio is delayed by 1 sample (1/fs = delay time)
1
1
1
1
1
Left and Right audio is delayed by 8191 samples (8191/fs = delay time)
(1)
Default values are in bold.
This register can be used to specify delay in video frames instead of audio samples. When the MSB is set to 1,
the audio delay registers (0x01–0x04) are bypassed and the Frame Delay Register is used to set the delay
based on the frame rate (D6), audio sample rate (D5–D3), and number of frames to delay (D2–D0).
The total audio delay time is calculated by the following formula:
Audio Delay (in samples) = int [# Delay Frames
× (1/Frame Rate) × Audio Sample Rate]
10
Submit Documentation Feedback


Podobny numer części - TPA5050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSAR TI-TPA5050RSAR Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSAR TI-TPA5050RSAR Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSARG4 TI-TPA5050RSARG4 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSARG4 TI-TPA5050RSARG4 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results

Podobny opis - TPA5050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com