Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1854 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części UC1854
Szczegółowy opis  High Power Factor Preregulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC1854 Arkusz danych(HTML) 5 Page - Texas Instruments

  UC1854 Datasheet HTML 1Page - Texas Instruments UC1854 Datasheet HTML 2Page - Texas Instruments UC1854 Datasheet HTML 3Page - Texas Instruments UC1854 Datasheet HTML 4Page - Texas Instruments UC1854 Datasheet HTML 5Page - Texas Instruments UC1854 Datasheet HTML 6Page - Texas Instruments UC1854 Datasheet HTML 7Page - Texas Instruments UC1854 Datasheet HTML 8Page - Texas Instruments UC1854 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
GT Drv (Pin 16) (gate drive): The output of the PWM is a
totem pole MOSFET gate driver on GT Drv. This output is
internally clamped to 15V so that the IC can be operated
with VCC as high as 35V. Use a series gate resistor of at
least 5 ohms to prevent interaction between the gate im-
pedance and the GT Drv output driver that might cause
the GT Drv output to overshoot excessively. Some over-
shoot of the GT Drv output is always expected when driv-
ing a capacitive load.
TYPICAL CHARACTERISTICS at TA = TJ = 25
°C
UC1854
UC2854
UC3854
Load Capacitance,
µF
ns
0
100
200
300
400
500
600
700
0
0.01
0.02
0.03
0.04
0.05
Rise Time
Fall Time
RSET, k
Duty
Cycle
70%
75%
80%
85%
90%
95%
100%
1
10
100
I, A
AC
µ
Multiplier
Output
µA
0
100
200
300
400
500
600
0
100
200
300
400
500
600
700
800
Mult Out=1
Mult Out=2V
Mult Out=3V
Mult Out=0V
V
=2V, VA Out=5V
RMS
R, k
SET
Frequency
kHz
10
100
1000
1
10
100
100pF
200pF
5nF
10nF
3nF
500pF
2nF
1nF
Frequency
kHz
Phase
Margin
degrees
Open-Loop
Gain
dB
-20
0
20
40
60
80
100
120
0.1
1
10
100
1000
10000
Frequency
kHz
Phase
Margin
degrees
Open-Loop
Gain
dB
-20
0
20
40
60
80
100
120
0.1
1
10
100
1000
10000
PIN DESCRIPTIONS (cont.)
Voltage Amplifier Gain and Phase vs Frequency
Current Amplifier Gain and Phase vs Frequency
Gate Drive Rise and Fall Time
Gate Drive Maximum Duty Cycle
Multiplier Output vs Voltage on Mult
Oscillator Frequency vs RSET
and CT
5


Podobny numer części - UC1854

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI1-UC1854 Datasheet
313Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1854A TI-UC1854A Datasheet
188Kb / 7P
[Old version datasheet]   Enhanced High Power Factor Preregulator
UC1854A TI1-UC1854A Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
More results

Podobny opis - UC1854

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com