Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS71108ASJ-8I Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części GS71108ASJ-8I
Szczegółowy opis  128K x 8 1Mb Asynchronous SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

GS71108ASJ-8I Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GS71108ASJ-8I Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71108ASJ-8I Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71108ASJ-8I Datasheet HTML 9Page - List of Unclassifed Manufacturers GS71108ASJ-8I Datasheet HTML 10Page - List of Unclassifed Manufacturers GS71108ASJ-8I Datasheet HTML 11Page - List of Unclassifed Manufacturers GS71108ASJ-8I Datasheet HTML 12Page - List of Unclassifed Manufacturers GS71108ASJ-8I Datasheet HTML 13Page - List of Unclassifed Manufacturers GS71108ASJ-8I Datasheet HTML 14Page - List of Unclassifed Manufacturers GS71108ASJ-8I Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
D
1
32
e
b
Q
A
y
c
Detail A
ZD
Notes:
1. Dimension D includes mold flash, protrusions or gate burrs.
2. Dimension E does not include interlead flash
3. Controlling dimension: mm
Symbol
Dimension in inch
Dimension in mm
min
nom
max
min
nom
max
A
0.039
0.05
1.27
A1
0.002
0.006
0.01
0.15
A2
0.037
0.040
0.045
0.90
1.02
1.14
b
0.012
0.016
0.018
0.30
0.40
0.45
c
0.0047
0.0051
0.0062
0.12
0.13
0.16
D
0.820
0.825
0.830
20.82
20.95 21.08
ZD
0.037
0.95
E
0.455
0.463
0.471
11.56
11.76
11.96
E1
0.395
0.400
0.405
10.03
10.16 10.29
e
0.05
1.27
L
0.017
0.020
0.023
0.40
0.50
0.60
L1
0.024
0.031
0.039
0.60
0.80
1.00
y
0.00
0.003
0.00
0.76
Q
0o
5o
0o
5o
GS71108ATP/J/SJ/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.08 6/2006
11/16
© 2001, GSI Technology
32-Pin TSOP-II, 400mil


Podobny numer części - GS71108ASJ-8I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GS71108ASJ-8I ETC-GS71108ASJ-8I Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
More results

Podobny opis - GS71108ASJ-8I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com