Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD204-6B-L3 Arkusz danych(PDF) 7 Page - Everlight Electronics Co., Ltd

Numer części PD204-6B-L3
Szczegółowy opis  3mm Silicon PIN Photodiode T-1
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EVERLIGHT [Everlight Electronics Co., Ltd]
Strona internetowa  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD204-6B-L3 Arkusz danych(HTML) 7 Page - Everlight Electronics Co., Ltd

  PD204-6B-L3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD204-6B-L3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD204-6B-L3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD204-6B-L3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD204-6B-L3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD204-6B-L3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD204-6B-L3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 7 of 7
Device No:DPD-020-060
Prepared date:07-25-2005
Prepared by:Jaine Tsai
RoHS
PD204-6B/L3
Packing Quantity Specification
1.1000PCS/1Bag,4Bags/1Box
2.10Boxes/1Carton
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
PD204-6B/L3


Podobny numer części - PD204-6B-L3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
PD204-6B EVERLIGHT-PD204-6B Datasheet
140Kb / 7P
   3mm Silicon PIN Photodiode T-1
PD204-6B EVERLIGHT-PD204-6B Datasheet
146Kb / 7P
   3mm Silicon PIN Photodiode T-1
PD204-6B EVERLIGHT-PD204-6B_05 Datasheet
146Kb / 7P
   3mm Silicon PIN Photodiode T-1
More results

Podobny opis - PD204-6B-L3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
PD204-6B EVERLIGHT-PD204-6B_05 Datasheet
146Kb / 7P
   3mm Silicon PIN Photodiode T-1
PD204-6C EVERLIGHT-PD204-6C Datasheet
126Kb / 7P
   3mm Silicon PIN Photodiode T-1
PD264-6C EVERLIGHT-PD264-6C Datasheet
454Kb / 7P
   3mm Silicon PIN Photodiode,T-1
PD204-6C-L3 EVERLIGHT-PD204-6C-L3 Datasheet
135Kb / 7P
   3mm Silicon PIN Photodiode T-1
PD204-6B EVERLIGHT-PD204-6B Datasheet
140Kb / 7P
   3mm Silicon PIN Photodiode T-1
EAPDLP03RDAA1 EVERLIGHT-EAPDLP03RDAA1 Datasheet
284Kb / 8P
   3mm Photodiode,T-1
PD202B EVERLIGHT-PD202B Datasheet
124Kb / 7P
   3mm Silicon PIN Photodiode
logo
Unity Opto Technology
MID-30A12 UOT-MID-30A12 Datasheet
33Kb / 3P
   T-1 PACKAGE PIN PHOTODIODE
logo
Everlight Electronics C...
EAPDLP05RDDA0 EVERLIGHT-EAPDLP05RDDA0 Datasheet
287Kb / 8P
   5mm Silicon PIN Photodiode , T-1 3/4
PD333-3C-H0-L2 EVERLIGHT-PD333-3C-H0-L2 Datasheet
223Kb / 7P
   5mm Silicon PIN Photodiode , T-1 3/4
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com