Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD204-6B-L3 Arkusz danych(PDF) 1 Page - Everlight Electronics Co., Ltd

Numer części PD204-6B-L3
Szczegółowy opis  3mm Silicon PIN Photodiode T-1
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EVERLIGHT [Everlight Electronics Co., Ltd]
Strona internetowa  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD204-6B-L3 Arkusz danych(HTML) 1 Page - Everlight Electronics Co., Ltd

  PD204-6B-L3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD204-6B-L3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD204-6B-L3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD204-6B-L3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD204-6B-L3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD204-6B-L3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD204-6B-L3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 1 of 7
Device No:DPD-020-060
Prepared date:07-25-2005
Prepared by:Jaine Tsai
Technical Data Sheet
3mm Silicon PIN Photodiode T-1
PD204-6B/L3
Features
․Fast response time
․High photo sensitivity
․Small junction capacitance
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
PD204-6B/L3 is a high speed and high sensitive PIN
photodiode in a standard 3Φplastic package.
The epoxy package itself is an IR filter, spectrally
matched to IR emitter.
Applications
․Automatic door sensor
․Copier
․Game machine
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
PD
Silicon
Black


Podobny numer części - PD204-6B-L3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
PD204-6B EVERLIGHT-PD204-6B Datasheet
140Kb / 7P
   3mm Silicon PIN Photodiode T-1
PD204-6B EVERLIGHT-PD204-6B Datasheet
146Kb / 7P
   3mm Silicon PIN Photodiode T-1
PD204-6B EVERLIGHT-PD204-6B_05 Datasheet
146Kb / 7P
   3mm Silicon PIN Photodiode T-1
More results

Podobny opis - PD204-6B-L3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
PD204-6B EVERLIGHT-PD204-6B_05 Datasheet
146Kb / 7P
   3mm Silicon PIN Photodiode T-1
PD204-6C EVERLIGHT-PD204-6C Datasheet
126Kb / 7P
   3mm Silicon PIN Photodiode T-1
PD264-6C EVERLIGHT-PD264-6C Datasheet
454Kb / 7P
   3mm Silicon PIN Photodiode,T-1
PD204-6C-L3 EVERLIGHT-PD204-6C-L3 Datasheet
135Kb / 7P
   3mm Silicon PIN Photodiode T-1
PD204-6B EVERLIGHT-PD204-6B Datasheet
140Kb / 7P
   3mm Silicon PIN Photodiode T-1
EAPDLP03RDAA1 EVERLIGHT-EAPDLP03RDAA1 Datasheet
284Kb / 8P
   3mm Photodiode,T-1
PD202B EVERLIGHT-PD202B Datasheet
124Kb / 7P
   3mm Silicon PIN Photodiode
logo
Unity Opto Technology
MID-30A12 UOT-MID-30A12 Datasheet
33Kb / 3P
   T-1 PACKAGE PIN PHOTODIODE
logo
Everlight Electronics C...
EAPDLP05RDDA0 EVERLIGHT-EAPDLP05RDDA0 Datasheet
287Kb / 8P
   5mm Silicon PIN Photodiode , T-1 3/4
PD333-3C-H0-L2 EVERLIGHT-PD333-3C-H0-L2 Datasheet
223Kb / 7P
   5mm Silicon PIN Photodiode , T-1 3/4
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com