Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAP3001A Arkusz danych(PDF) 11 Page - Micronas

Numer części CAP3001A
Szczegółowy opis  Car Audio Processor Hardware
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICRONAS [Micronas]
Strona internetowa  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Arkusz danych(HTML) 11 Page - Micronas

Back Button CAP3001A Datasheet HTML 7Page - Micronas CAP3001A Datasheet HTML 8Page - Micronas CAP3001A Datasheet HTML 9Page - Micronas CAP3001A Datasheet HTML 10Page - Micronas CAP3001A Datasheet HTML 11Page - Micronas CAP3001A Datasheet HTML 12Page - Micronas CAP3001A Datasheet HTML 13Page - Micronas CAP3001A Datasheet HTML 14Page - Micronas CAP3001A Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
11
Fig. 2–10: Digital interpolation filter, passband characteristic
3
0
*3
0.0
5.0
10.0
15.0
20.0
22.05 kHz
f
dB
gain
Fig. 2–11: Digital interpolation filter, attenuation
*50
0
*80
0.0
50
100
150
200
350 kHz
250
300
f
dB
gain
2.1.13.2. ARI Mixer ARIMX
The ARI-information in the range of 57 kHz is mixed
down to a zero intermediate frequency by the two ARI
mixers, whose mixer signals are again in quadrature.
The reason for using two paths is that the demodulation
is asynchronous in general; in the DSP there should be
an operation which performs the square root of the sum
of the squares of the two input signals. The quality re-
quirements of the square rooting should not be very
high. Because of the phase lock of pilot tone and ARI
carrier in the FM-stereo-mode, a synchronous demodu-
lation seems to be possible; in this case the demodu-
lated ARI signal would be identical with the signal of the
inphase path.
The chosen structure has another potential advantage,
for processing the radio data system (RDS) in Europe.
This signal is a part of the MPX-signal; its subcarrier fre-
quency is the same as that of the ARI-signal but it is rec-
ommended that the two subcarriers are in quadrature.
So the two paths of the ARI demodulation subsystem
make the information of the ARI-signal and of the RDS-
signal available to the DSP, where both can be demodu-
lated if desired.


Podobny numer części - CAP3001A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
   Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Podobny opis - CAP3001A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
   Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
   Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
   Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
   3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
   3 band car audio processor
September 2013
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
   3 BAND CAR AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com