Zakładka z wyszukiwarką danych komponentów |
|
IRF3805L-7PPBF Arkusz danych(PDF) 8 Page - International Rectifier |
|
IRF3805L-7PPBF Arkusz danych(HTML) 8 Page - International Rectifier |
8 / 12 page IRF3805S/L-7PPbF 8 www.irf.com Fig 17. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET® Power MOSFETs CircuitLayoutConsiderations • Low Stray Inductance • Ground Plane • LowLeakageInductance Current Transformer P.W. Period di/dt Diode Recovery dv/dt Ripple ≤ 5% Body Diode Forward Drop Re-Applied Voltage Reverse Recovery Current Body Diode Forward Current VGS=10V VDD ISD Driver Gate Drive D.U.T. ISD Waveform D.U.T. VDS Waveform Inductor Curent D = P.W. Period * VGS = 5V for Logic Level Devices * + - + + + - - - RG VDD • dv/dt controlled by RG • Driver same type as D.U.T. • ISD controlled by Duty Factor "D" • D.U.T. - Device Under Test D.U.T VDS 90% 10% VGS td(on) tr td(off) tf VDS Pulse Width ≤ 1 µs Duty Factor ≤ 0.1 % RD VGS RG D.U.T. 10V + -VDD Fig 18a. Switching Time Test Circuit Fig 18b. Switching Time Waveforms |
Podobny numer części - IRF3805L-7PPBF |
|
Podobny opis - IRF3805L-7PPBF |