Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33064 Arkusz danych(PDF) 6 Page - Microsemi Corporation

Numer części MC33064
Szczegółowy opis  UNDERVOLTAGE SENSING CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MC33064 Arkusz danych(HTML) 6 Page - Microsemi Corporation

Back Button MC33064_04 Datasheet HTML 2Page - Microsemi Corporation MC33064_04 Datasheet HTML 3Page - Microsemi Corporation MC33064_04 Datasheet HTML 4Page - Microsemi Corporation MC33064_04 Datasheet HTML 5Page - Microsemi Corporation MC33064_04 Datasheet HTML 6Page - Microsemi Corporation MC33064_04 Datasheet HTML 7Page - Microsemi Corporation MC33064_04 Datasheet HTML 8Page - Microsemi Corporation MC33064_04 Datasheet HTML 9Page - Microsemi Corporation MC33064_04 Datasheet HTML 10Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TRANSIENT IMMUNE UNDERVOLTAGE SENSING CIRCUIT
MC33064/MC34064
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.3a 9/17/2004
6
P RODUCTION
D AT A
S HEET
CHARACTERISTIC CUR VES
FIGURE 6. — THRESHOLD HYSTERESIS vs. TEMPERATURE
FIGURE 7. — SUPPLY CURRENT vs. INPUT VOLTAGE
FIGURE 5. — THRESHOLD VOLTAGE vs. TEMPERATURE
-55
10
26
(T
J)
Temperature - ( C)
50
18
30
42
-25
0
25
50
75
100
125
150
14
34
38
46
22
04
10
0
400
(V
IN)
Input Voltage - (V)
1000
200
600
800
26
8
R
L = No Load
T
A = 25 C
-55
0
400
(T
J)
Temperature - ( C)
1000
200
500
800
-25
0
25
50
75
100
125
150
V
IN = 5V
100
600
700
900
300
V
IN = 10V
R
L = No Load
FIGURE 8. — SUPPLY CURRENT vs. TEMPERATURE
4.5
4.58
(T
J)
Temperature - ( C)
4.7
4.54
4.6
4.66
-55
-25
0
25
50
75
100
125
150
V
T+ ; VIN increasing 4.5 - 4.7
V
T- ; VIN decreasing 4.7 - 4.5
R
L = 10kohms
4.52
4.62
4.64
4.68
4.56
V
T+ - High Threshold Voltage
V
T- - Low Threshold Voltage


Podobny numer części - MC33064_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33064D-005 ONSEMI-MC33064D-005 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC33064D-005 ONSEMI-MC33064D-005 Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
MC33064D-005G ONSEMI-MC33064D-005G Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Motorola, Inc
MC33064D-5 MOTOROLA-MC33064D-5 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
ON Semiconductor
MC33064D-5G ONSEMI-MC33064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
More results

Podobny opis - MC33064_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com