“3D STRATEGY” EPSON TOYOCOM
In order to meet customer needs in a rapidly advancing digital,
broadband and ubiquitous society, we are committed to offering
products that are one step ahead of the market and a rank above
the rest in quality. To achieve our goals, we follow a “3D (three
device) strategy” designed to drive both horizontal and vertical
growth. We will to grow our three device categories of “Timing
Devices”, ”Sensing Devices” and “Optical Devices”, and expand
vertical growth through a combination of products from these
categories.
Quartz devices have become crucial in the network environment
where products are increasingly intended for
broadband,
ubiquitous applications and where various types of terminals can
transfer information almost immediately via LAN and WAN on a
global scale. Epson Toyocom Corporation addresses every single
aspect within a network environment. The new corporation offers
“Digital Convergence” solutions to problems arising with products
for consumer use, such as, core network systems and automotive
systems.
PROMOTION OF ENVIRONMENTAL MANAGEMENT SYSTEM
CONFORMING TO INTERNATIONAL STANDARDS
At Epson Toyocom, all environmental initiatives operate under the Plan-Do-Check-Action(PDCA) cycle designed to achieve continuous improvements.
The environmental management system (EMS) operates under the ISO 14001 environmental management standard.
All of our major manufacturing and non-manufacturing sites, in Japan and overseas, completed the acquisition of ISO 14001 certification.
In the future, new group companies will be expected to acquire the certification around the third year of operations.
WORKING FOR HIGH QUALITY
Epson Toyocom quickly began working to acquire company-wide ISO 9000 series certification, and has acquired ISO 9001 or ISO 9002 certification for
all targeted products manufactured in Japanese and overseas plants.
Epson Toyocom has acquired QS-9000 certification, which is of a higher level.
Also, TS 16949 certification, which is also of a higher level, has been acquired.
Notice
●This material is subject to change without notice.
●Any part of this material may not be reproduced or duplicated in any form or any means without the written permission of Epson Toyocom.
●The information, applied circuitry, programming, usage, etc., written in this material is intended for reference only. Epson Toyocom does not assume
any liability for the occurrence of infringing on any patent or copyright of a third party. This material does not authorize the licensing on for any patent
or intellectual copyrights.
●Any product described in this material may contain technology or the subject relating to strategic products under the control of the Foreign
Exchange and Foreign Trade Law of Japan and may require an export license from the Ministry of International Trade and Industry or other
approval from another government agency.
●These products are intended for general use in electronic equipment. When using them in specific applications that require extremely high reliability,
such as the applications stated below, you must obtain permission from Epson Toyocom in advance.
/ Space equipment (artificial satellites, rockets, etc.)
/ Transportation vehicles and related (automobiles, aircraft, trains, vessels, etc.)
/ Medical instruments to sustain life
/ Submarine transmitters
/ Power stations and related / Fire work equipment and security equipment
/ traffic control equipment / and others requiring equivalent reliability.
● In this new crystal master for Epson Toyocom, product codes and markings will remain as previously identified prior to the merger.
Due to the on-going strategy of gradual unification of part numbers, please review product codes and markings, as they will change during the
course of the coming months.
We apologize for the inconvenience, but we will eventually have a unified part numbering system for Epson Toyocom that will be user friendly.
QS-9000 is an enhanced standard for quality
assurance systems formulated by leading
U.S.automobile manufacturers based on
the international ISO 9000 series.
ISO 14000 is an international standard for environmental
management that was established by the International
Standards Organization in 1996 against the background
of growing concern regarding global warming, destruction
of the ozone layer, and global deforestation.
ISO/TS 16949 is a global standard based on
QS-9000, a severe standard corresponding to
the requirements from the automobile industry.