Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM163 Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części DM163
Szczegółowy opis  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

DM163 Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DM163 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM163
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version: A.004
Page
8
AC Characteristics (VDD = 3.3 V, Ta = 25°C)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
DCK Frequency
FDCK
Cascade operation
20
MHz
DCK pulse duration
twh / twl
High or low level
15
ns
DCK rise/fall time
tr / tf
20
ns
GCK Frequency
FGCK
Cascade operation
1
20
MHz
GCK pulse duration
twh / twl
High or low level
15
ns
GCK rise/fall time
tr / tf
20
ns
RST_B pulse duration
twrst_b
Low level
100
ns
Set-up Time for SIN
tsetup(D)
Before DCK rising edge
2
ns
Hold Time for SIN
thold(D)
After DCK rising edge
5
ns
Set-up Time for DCK
tsetup(L)
Before LAT_B falling edge
5
ns
LAT_B Pulse Width
tw LAT
7
ns
Set-up Time for LAT_B
Tsetup(G)
Before GCK rising edge
23
ns
Set-up Time for SELBK
Tsetup(S)
Before DCK rising edge
9
ns
Hold Time for SELBK
Thold(S)
After DCK rising edge
1
ns
Electrical Characteristics (VDD = 5.0 V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
0.8 VDD
VDD
Input Voltage “L” Level
VIL
GND
0.2 VDD
V
Output Leakage Current
Ileak
VOH = 17 V
± 0.1
uA
VOL
IOL = 2 mA
0.2
Output Voltage ( SOUT)
VOH
IOH = -2 mA
4.8
V
Output Current
(Channel-Channel)
IOL1
VOUT = 1.0V
REXT = 2.6k
Ω
± 3
± 5
%
Output Current
(Chip-Chip)
IOL3
VOUT = 1.0V
REXT = 2.6k
Ω
± 4
± 10
%
Supply Voltage
Regulation
% / VDD
REXT = 3k
Ω
2
% / V
IDD, analog VDD=5V, REXT = 1k
Ω
42.2
43.4
Supply Current
1
IDD, digital VDD=5V, Cload=2pF,
DCK=GCK=1MHz
1
1.5
mA
1 I
LED excluded.


Podobny numer części - DM163

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Touch Technolog...
DM163 SITI-DM163 Datasheet
1Mb / 21P
   8x3-CHANNEL CONSTANT CURRENT LED DRIVER
logo
Microchip Technology
DM163004-LT MICROCHIP-DM163004-LT Datasheet
2Mb / 2P
   Free Microchip TCP/IP stack
10/19/04
DM163006 MICROCHIP-DM163006 Datasheet
5Mb / 320P
   High-Performance ROM-less Microcontrollers
10/01/00
DM163007 MICROCHIP-DM163007 Datasheet
83Kb / 2P
   PICDEM??CAN-LIN 1, 2 and 3 Demonstration Boards
2006
DM163011 MICROCHIP-DM163011 Datasheet
83Kb / 2P
   PICDEM??CAN-LIN 1, 2 and 3 Demonstration Boards
2006
More results

Podobny opis - DM163

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Touch Technolog...
DM163 SITI-DM163 Datasheet
1Mb / 21P
   8x3-CHANNEL CONSTANT CURRENT LED DRIVER
DM164 SITI-DM164 Datasheet
759Kb / 30P
   8x3-CHANNEL CONSTANT CURRENT LED DRIVER
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com