Zakładka z wyszukiwarką danych komponentów |
|
M74HC4016M1R Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
M74HC4016M1R Arkusz danych(HTML) 2 Page - STMicroelectronics |
2 / 11 page LOGIC DIAGRAM IEC LOGIC SYMBOL PIN DESCRIPTION PIN No SYMBOL NAME AND FUNCTION 1, 4, 8, 11 1 to 4 I/O Independent Inputs/Outputs 2, 3, 9, 10 1 to 4 O/I Independent Outputs/Inputs 13, 5, 6, 12 1C to 4C Enable Inputs (Active HIGH) 7 GND Ground (0V) 14 VCC Positive Supply Voltage TRUTH TABLE CONTROL SWITCH FUNCTION HON L OFF ABSOLUTE MAXIMUM RATING Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +13 V VIN DC Input Voltage -0.5 to VCC +0.5 V VI/O DC Input/Output Voltage -0.5 to VCC +0.5 V IOK Control Input DC Diode Current ± 20 mA II/OK I/O DC Diode Current ± 20 mA IO DC Output Source Sink Current Per Output Pin ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA PD Power Dissipation 500 (*) mW Tstg Storage Temperature -65 to +150 oC TL Lead Temperature (10 sec) 300 oC Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. (*) 500 mW: ≅ 65 oC derate to 300 mW by 10mW/oC: 65 oCto 85 oC M54/M74HC4016 2/11 |
Podobny numer części - M74HC4016M1R |
|
Podobny opis - M74HC4016M1R |