Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC12864A-TFLGS3N Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części LC12864A-TFLGS3N
Szczegółowy opis  LCD Module Specification
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LC12864A-TFLGS3N Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LC12864A-TFLGS3N Datasheet HTML 2Page - List of Unclassifed Manufacturers LC12864A-TFLGS3N Datasheet HTML 3Page - List of Unclassifed Manufacturers LC12864A-TFLGS3N Datasheet HTML 4Page - List of Unclassifed Manufacturers LC12864A-TFLGS3N Datasheet HTML 5Page - List of Unclassifed Manufacturers LC12864A-TFLGS3N Datasheet HTML 6Page - List of Unclassifed Manufacturers LC12864A-TFLGS3N Datasheet HTML 7Page - List of Unclassifed Manufacturers LC12864A-TFLGS3N Datasheet HTML 8Page - List of Unclassifed Manufacturers LC12864A-TFLGS3N Datasheet HTML 9Page - List of Unclassifed Manufacturers LC12864A-TFLGS3N Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LG128642-BMDWH6V
- 6 -
3.3 LED Backlight Characteristics (Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
2.9
3.1
3.3
V
Forward Current
If
Vf=3.1V
--
45
--
mA
Color
White
3.4 Power Supply
+5V
+5V
VR
20 k
VO
LEDK
LEDA
OUT
V
VSS
VDD
Note: 5V voltage for the LED backlight should be supplied to Pin19 (LEDA) and Pin20
(LEDK) terminal of the interface, it should not be supplied to the Anode/Cathode terminal
of the LED backlight directly.


Podobny numer części - LC12864A-TFLGS3N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
LC128B SUMIDA-LC128B Datasheet
92Kb / 1P
   DC-DC CONVERTER?늁IN?
LC128B SUMIDA-LC128B_1 Datasheet
99Kb / 1P
   General Power Transformer
More results

Podobny opis - LC12864A-TFLGS3N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com