Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6120A2DWPR Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA6120A2DWPR
Szczegółowy opis  HIGH FIDELITY HEADPHONE AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA6120A2DWPR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TPA6120A2DWPR Datasheet HTML 5Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 6Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 7Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 8Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 9Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 10Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 11Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 12Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
0.0001
0.001
0.01
0.1
2 k
10 k
50 k
f − High Frequency − Hz
4:1 SMPTE Ratio
VI = 1 VPP,
Gain = 2 V/V,
IM Frequency = 60 Hz
VCC = +12 V,
RL = 32 W
VCC = +12 V,
RL = 64 W
VCC = +15 V,
RL = 64 W
0.00001
VCC = +15 V,
RL = 32 W
−90
−80
−70
−60
−50
−40
−30
−20
−0
10
100
1 k
10 k
50 k
32 W
f − Frequency − Hz
−10
VCC = +15 V,
V(ripple) = 1 VPP,
Gain = 2 V/V
BW = 80 kHz
64 W
Representative of both positive and
negative supplies.
−120
−110
−100
−90
−80
−70
−60
10
100
1 k
10 k
50 k
RF = 1 kW,
Gain = 2 V/V,
BW = 80 kHz
f − Frequency − Hz
VCC = +12 V,
RL = 32 W
VCC = +15 V,
RL = 64 W
VCC = +12 V,
RL = 64 W
VCC = +15 V,
RL = 32 W
IM Amplitude (At Input) − VPP
0.00001
0.01
1
10
0
1
10
0.0001
0.001
0.1
VCC = +15 V, RL = 32 W
VCC = +12 V, RL = 64 W
VCC = +12 V, RL = 32 W
4:1 SMPTE Ratio
Gain = 3 V/V,
High Frequency = 7 kHz
IM Frequency = 60 Hz
2
3
4
5
6
7
8
9
VCC = +15 V, RL = 64 W
TPA6120A2
SLOS431 – MARCH 2004
TYPICAL CHARACTERISTICS (continued)
SUPPLY VOLTAGE REJECTION RATIO
INTERMODULATION DISTORTION
vs
vs
FREQUENCY
HIGH FREQUENCY
Figure 11.
Figure 12.
INTERMODULATION DISTORTION
CROSSTALK
vs
vs
IM AMPLITUDE (AT INPUT)
FREQUENCY
Figure 13.
Figure 14.
9


Podobny numer części - TPA6120A2DWPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6120A2DWPR TI-TPA6120A2DWPR Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWPR TI-TPA6120A2DWPR Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWPR TI1-TPA6120A2DWPR Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2DWPRG4 TI1-TPA6120A2DWPRG4 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
More results

Podobny opis - TPA6120A2DWPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com