Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M74HC4852M1R Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części M74HC4852M1R
Szczegółowy opis  DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4852M1R Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button M74HC4852M1R Datasheet HTML 3Page - STMicroelectronics M74HC4852M1R Datasheet HTML 4Page - STMicroelectronics M74HC4852M1R Datasheet HTML 5Page - STMicroelectronics M74HC4852M1R Datasheet HTML 6Page - STMicroelectronics M74HC4852M1R Datasheet HTML 7Page - STMicroelectronics M74HC4852M1R Datasheet HTML 8Page - STMicroelectronics M74HC4852M1R Datasheet HTML 9Page - STMicroelectronics M74HC4852M1R Datasheet HTML 10Page - STMicroelectronics M74HC4852M1R Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
M74HC4852
9/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45˚ (typ.)
D
9.8
10
0.385
0.393
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.62
0.024
S
˚ (max.)
SO-16 MECHANICAL DATA
PO13H
8


Podobny numer części - M74HC4852M1R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC4852MWR STMICROELECTRONICS-M74HC4852MWR Datasheet
410Kb / 15P
   DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
More results

Podobny opis - M74HC4852M1R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC4852 STMICROELECTRONICS-M74HC4852_03 Datasheet
410Kb / 15P
   DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
logo
List of Unclassifed Man...
M74HC4852YRM13TR ETC2-M74HC4852YRM13TR Datasheet
306Kb / 15P
   Dual 4:1 channel analog MUX/DEMUX with injection current protection
logo
STMicroelectronics
M74HC4851 STMICROELECTRONICS-M74HC4851 Datasheet
234Kb / 11P
   SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
M74HC4851 STMICROELECTRONICS-M74HC4851_03 Datasheet
399Kb / 15P
   SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
logo
Potato Semiconductor Co...
PO3B3253A POTATO-PO3B3253A_14 Datasheet
1Mb / 6P
   Dual 4:1 Mux/DeMux
logo
Integrated Device Techn...
QS3253S1G IDT-QS3253S1G Datasheet
223Kb / 5P
   DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX
logo
Pericom Semiconductor C...
PI5C3253C PERICOM-PI5C3253C Datasheet
41Kb / 4P
   Dual 4:1 Mux/DeMux Bus Switch with-2V Undershoot Protection
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852_07 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com