Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABTH18502APMR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ABTH18502APMR
Szczegółowy opis  SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH18502APMR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SN74ABTH18502APMR Datasheet HTML 6Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 7Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 8Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 9Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 10Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 11Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 12Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 13Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
SN54ABTH18502A, SN54ABTH182502A, SN74ABTH18502A, SN74ABTH182502A
SCAN TEST DEVICES
WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS164E – AUGUST 1993 – REVISED DECEMBER 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
data register description
boundary-scan register
The boundary-scan register (BSR) is 48 bits long. It contains one boundary-scan cell (BSC) for each
normal-function input pin and one BSC for each normal-function I/O pin (one single cell for both input data and
output data). The BSR is used to store test data that is to be applied externally to the device output pins, and/or
to capture data that appears internally at the outputs of the normal on-chip logic and/or externally at the device
input pins.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR can change during Run-Test/Idle as determined by the current instruction. At power up or
in Test-Logic-Reset, BSCs 47–44 are reset to logic 1, ensuring that these cells, which control A-port and B-port
outputs, are set to benign values (i.e., if test mode were invoked, the outputs would be at high-impedance state).
Reset values of other BSCs should be considered indeterminate.
The BSR order of scan is from TDI through bits 47–0 to TDO. Table 1 shows the BSR bits and their associated
device pin signals.
Table 1. Boundary-Scan Register Configuration
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
47
2OEAB
35
2A9-I/O
17
2B9-I/O
46
1OEAB
34
2A8-I/O
16
2B8-I/O
45
2OEBA
33
2A7-I/O
15
2B7-I/O
44
1OEBA
32
2A6-I/O
14
2B6-I/O
43
2CLKAB
31
2A5-I/O
13
2B5-I/O
42
1CLKAB
30
2A4-I/O
12
2B4-I/O
41
2CLKBA
29
2A3-I/O
11
2B3-I/O
40
1CLKBA
28
2A2-I/O
10
2B2-I/O
39
2LEAB
27
2A1-I/O
9
2B1-I/O
38
1LEAB
26
1A9-I/O
8
1B9-I/O
37
2LEBA
25
1A8-I/O
7
1B8-I/O
36
1LEBA
24
1A7-I/O
6
1B7-I/O
23
1A6-I/O
5
1B6-I/O
22
1A5-I/O
4
1B5-I/O
21
1A4-I/O
3
1B4-I/O
20
1A3-I/O
2
1B3-I/O
19
1A2-I/O
1
1B2-I/O
18
1A1-I/O
0
1B1-I/O


Podobny numer części - SN74ABTH18502APMR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABTH18502APMR TI-SN74ABTH18502APMR Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Podobny opis - SN74ABTH18502APMR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18504 TI-SN54ABT18504_08 Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18504A TI-SN54ABTH18504A_08 Datasheet
763Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18504A TI-SN54ABTH18504A Datasheet
547Kb / 35P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18504 TI-SN54ABT18504 Datasheet
450Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18640 TI-SN54ABT18640 Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com