Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA56-12SRWA Arkusz danych(PDF) 1 Page - Kingbright Corporation

Numer części CA56-12SRWA
Szczegółowy opis  14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

CA56-12SRWA Arkusz danych(HTML) 1 Page - Kingbright Corporation

  CA56-12SRWA Datasheet HTML 1Page - Kingbright Corporation CA56-12SRWA Datasheet HTML 2Page - Kingbright Corporation CA56-12SRWA Datasheet HTML 3Page - Kingbright Corporation CA56-12SRWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD2365
REV NO: V.7
DATE: JUL/19/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.H.CHEN
ERP: 1304000091
14.22mm (0.56INCH) FOUR DIGIT NUMERIC
DISPLAY
Part Number: CA56-12SRWA
Super Bright Red
Features
0.56 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
yalinl
數位簽署者:yalinl
DN:cn=yalinl, o=SPEC專用, ou=SPEC專用,
email=yalinl@example.com, c=<無>
日期︰2007.08.08 09:59:06 +08'00'


Podobny numer części - CA56-12SRWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
CA56-12EWA KINGBRIGHT-CA56-12EWA Datasheet
116Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-12GWA KINGBRIGHT-CA56-12GWA Datasheet
161Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-12YWA KINGBRIGHT-CA56-12YWA Datasheet
121Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
More results

Podobny opis - CA56-12SRWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
CA56-12YWA KINGBRIGHT-CA56-12YWA Datasheet
121Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-21EWA KINGBRIGHT-CA56-21EWA Datasheet
133Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11EWA KINGBRIGHT-CC56-11EWA Datasheet
162Kb / 4P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11SYKWA KINGBRIGHT-CC56-11SYKWA Datasheet
361Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-21GWA KINGBRIGHT-CC56-21GWA Datasheet
140Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-12EWA KINGBRIGHT-CC56-12EWA Datasheet
134Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11CGKWA KINGBRIGHT-CC56-11CGKWA Datasheet
362Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-11SURKWA KINGBRIGHT-CA56-11SURKWA Datasheet
371Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11SURKWA KINGBRIGHT-CC56-11SURKWA Datasheet
363Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11GWA KINGBRIGHT-CC56-11GWA Datasheet
81Kb / 3P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-21GWA KINGBRIGHT-CA56-21GWA Datasheet
140Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com