Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH16373 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części 74ALVCH16373
Szczegółowy opis  LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16373 Arkusz danych(HTML) 5 Page - ON Semiconductor

  74ALVCH16373 Datasheet HTML 1Page - ON Semiconductor 74ALVCH16373 Datasheet HTML 2Page - ON Semiconductor 74ALVCH16373 Datasheet HTML 3Page - ON Semiconductor 74ALVCH16373 Datasheet HTML 4Page - ON Semiconductor 74ALVCH16373 Datasheet HTML 5Page - ON Semiconductor 74ALVCH16373 Datasheet HTML 6Page - ON Semiconductor 74ALVCH16373 Datasheet HTML 7Page - ON Semiconductor 74ALVCH16373 Datasheet HTML 8Page - ON Semiconductor 74ALVCH16373 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74ALVCH16373
http://onsemi.com
5
AC CHARACTERISTICS (Note 10; tR = tF = 2.0 ns; CL = 30 pF; RL = 500 W)
Limits
TA = –40°C to +85°C
VCC = 3.0 V t o 3.6 V
VCC = 2.3 V to 2.7 V
VCC = 1.65 V to 1.95 V
Symbol
Parameter
Waveform
Min
Max
Min
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
Dn to On
1
1.0
1.0
3.6
3.6
1.0
1.0
4.5
4.5
1.0
1.0
6.8
6.8
ns
tPLH
tPHL
Propagation Delay
LE to On
1
1.0
1.0
3.9
3.9
1.0
1.0
4.9
4.9
1.0
1.0
7.8
7.8
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
2
1.0
1.0
4.7
4.7
1.0
1.0
6.0
6.0
1.0
1.0
9.2
9.2
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
2
1.0
1.0
4.1
4.1
1.0
1.0
5.1
5.1
1.0
1.0
6.8
6.8
ns
ts
Setup Time, High or Low Dn to LE
3
1.5
1.5
2.5
ns
th
Hold Time, High or Low Dn to LE
3
1.0
1.0
1.0
ns
tw
LE Pulse Width, High
3
1.5
1.5
4.0
ns
tOSHL
tOSLH
Output–to–Output Skew
(Note 11)
0.5
0.5
0.5
0.5
0.75
0.75
ns
10. For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
11. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
Note 12
6
pF
COUT
Output Capacitance
Note 12
7
pF
CPD
Power Dissipation Capacitance
Note 12, 10 MHz
20
pF
12. VCC = 1.8, 2.5 or 3.3 V; VI = 0V or VCC.
Figure 4. AC Waveforms
WAVEFORM 1 - PROPAGATION DELAYS
tR = tF = 2.0 ns, 10% to 90%; f = 1MHz; tW = 500 ns
VIH
0 V
VOH
VOL
Dn
On
tPHL
tPLH
Vm
Vm
Vm
Vm


Podobny numer części - 74ALVCH16373

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
logo
Fairchild Semiconductor
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
logo
STMicroelectronics
74ALVCH16373 STMICROELECTRONICS-74ALVCH16373 Datasheet
279Kb / 11P
   LOW VOLTAGE CMOS 16-BITD-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
128Kb / 18P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
logo
Nexperia B.V. All right...
74ALVCH16373 NEXPERIA-74ALVCH16373 Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
More results

Podobny opis - 74ALVCH16373

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373 Datasheet
102Kb / 10P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
November, 2004 ??Rev. 5
74ALVCH16245 ONSEMI-74ALVCH16245 Datasheet
139Kb / 12P
   Low-Voltage 16-Bit Transceiver with Bus Hold 1.8/2.5/3.3 V(3-State, Non-Inverting)
September, 2002 ??Rev. 1
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373_15 Datasheet
128Kb / 18P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
logo
Nexperia B.V. All right...
74ALVCH16373 NEXPERIA-74ALVCH16373 Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH245 ONSEMI-74VCXH245 Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com