Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADD8754-EVAL Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADD8754-EVAL
Szczegółowy opis  Evaluation Kit for LCD Power, VCOM, and Gate Modulation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADD8754-EVAL Arkusz danych(HTML) 5 Page - Analog Devices

  ADD8754-EVAL Datasheet HTML 1Page - Analog Devices ADD8754-EVAL Datasheet HTML 2Page - Analog Devices ADD8754-EVAL Datasheet HTML 3Page - Analog Devices ADD8754-EVAL Datasheet HTML 4Page - Analog Devices ADD8754-EVAL Datasheet HTML 5Page - Analog Devices ADD8754-EVAL Datasheet HTML 6Page - Analog Devices ADD8754-EVAL Datasheet HTML 7Page - Analog Devices ADD8754-EVAL Datasheet HTML 8Page - Analog Devices ADD8754-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADD8754-EVAL
Rev. A | Page 5 of 12
FUNCTIONAL BLOCK OVERVIEW
This section provides an overview of the important features
of each functional block to assist in evaluating the ADD8754
device. For detailed information about the ADD8754, see the
ADD8754 data sheet. See Table 1 for a list of factory voltage
settings.
When reviewing this section, keep the following points in mind:
The ADD8754 has an undervoltage lockout circuit that
prevents operation below a VIN of 2.8 V.
The high-side charge pump has a Zener diode regulated
output (VCPH) of 28 V.
The low-side charge pump has a Zener diode regulated
output (VCPL) of −5 V.
The evaluation board shuts down when the SHDN pin is
connected to ground (JP1 is shorted).
STEP-UP SWITCHING REGULATOR
The step-up switching regulator, or boost converter, converts
a dc voltage input of 5 V to an output of 10 V (adjustable up to
20 V). With its factory setting, the boost converter can output
up to 750 mA of load current. Typically, a TFT-LCD monitor
requires about 500 mA of current at 10 V.
For an accurate evaluation of the step-up regulator, it is recom-
mended that an equivalent panel load (20 Ω to 40 Ω) be applied
from BOOST_OUT to GND.
Resetting the Boost Output Voltage
BOOST_OUT is determined by the divider resistors R1 and R2.
To obtain a given output, set R2 = 10 kΩ and calculate
(
)
21
.
1
21
.
1
_
×
=
OUT
BOOST
R2
R1
Loop Compensation
Resistor RC and Capacitor CC set the loop compensation for
stability. If the input voltage, output voltage, inductor, or output
capacitor values need to be changed, see the ADD8754 data
sheet for a method tPo recalculate the compensation values for
stable operation of the step-up switching regulator.
Inductor Current Rating
The factory-installed inductor is rated for 1.5 A. If the output
current and/or output voltage make the inductor current higher
than 1.5 A, then the inductor should be replaced with an appro-
priate inductor to prevent saturation.
Soft Start
The soft start time is adjusted by Capacitor CSS. See the
ADD8754 data sheet for instructions on recalculating a
new soft start time.
LDO
The LDO generates a selectable logic voltage output for the
digital logic needs of a TFT-LCD display. Typically, this voltage
is applied to the timing controller (TCON) and gate drivers. For
instructions on selecting the 3.3 V, 2.85 V, or 2.5 V voltage
output, see Table 2.
VCOM AMPLIFIER
Buffer and Feedback Configurations
The VCOM amplifier of the ADD8754 can be used as a unity-
gain buffer or with panel feedback. To set the ADD8754 in a
unity-gain buffer configuration, short Jumper JP4. Please note
that if using model ADD8754ACPZ, buffer mode is not recom-
mended.
To use panel feedback, open Jumper JP4 and use the VCOM_S
pin, Resistor R16, Resistor R17, Capacitor C16, and Capacitor C17
to configure the feedback network.
To add VCPL feedback, R14, R15, C14, and C15 can be changed.
R13, R21, C13, and C22 are used to set the VCOM amplifier
gain. R10 and C9 are used if a filtered output is desired from the
VCOM amplifier.
Adjusting VCOM
The reference voltage for VCOM is adjustable by turning
the on-board potentiometer (Potentiometer R12) using a
small screwdriver. The VCOM voltage range depends on the
boost output voltage and how it is divided by Resistor R24,
Resistor R4, and Resistor R12.
If your board includes an AD5259 256-position digital
potentiometer, this device is configured for use (the analog
potentiometer is disabled). See the AD5259 Digital Potentiometer
(Optional) section for details about setting and disabling this
device. For more information about the AD5259, see the
AD5259 data sheet.
GATE PULSE MODULATOR
The gate pulse modulator takes a high voltage (VGH) and ramps
this voltage down to a lower voltage (VDD_1). The VFLK signal
determines when the voltage begins ramping. The CE capacitor
and RE resistor determine the delay and the ramp rate.
VDPM must be pulled high to enable GPM (Jumper JP5 should be
shorted). A startup delay for VGH_M can be set with C8.


Podobny numer części - ADD8754-EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADD8754 AD-ADD8754 Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
ADD8754ACPZ-REEL AD-ADD8754ACPZ-REEL Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
ADD8754ACPZ-REEL7 AD-ADD8754ACPZ-REEL7 Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
ADD8754 AD-ADD8754_15 Datasheet
516Kb / 28P
   LCD Panel Power, V, and Gate Modulation
REV. 0
More results

Podobny opis - ADD8754-EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADD8754 AD-ADD8754 Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
ADD8733 AD-ADD8733 Datasheet
250Kb / 16P
   Integrated TFT Panel Power Supply with Gate Modulation and VCOM
Rev. PrA
ADD8754 AD-ADD8754_15 Datasheet
516Kb / 28P
   LCD Panel Power, V, and Gate Modulation
REV. 0
logo
Maxim Integrated Produc...
MAX15034BEVKIT MAXIM-MAX15034BEVKIT Datasheet
80Kb / 1P
   Evaluation Kit for the MAX15034B and MAX5066
11/10/2009
logo
Cirrus Logic
EK13 APEX-EK13 Datasheet
166Kb / 2P
   EVALUATION KIT FOR PA241DF
EK28 APEX-EK28 Datasheet
157Kb / 2P
   EVALUATION KIT FOR PA97
EK34 APEX-EK34 Datasheet
200Kb / 2P
   EVALUATION KIT FOR PA240CX
EK54 APEX-EK54 Datasheet
270Kb / 2P
   EVALUATION KIT FOR PA60DK
EK-SA51 APEX-EK-SA51 Datasheet
141Kb / 1P
   EVALUATION KIT FOR SA51
EK-SA50 APEX-EK-SA50 Datasheet
144Kb / 1P
   EVALUATION KIT FOR SA50
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com