Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL16C752CRHB Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TL16C752CRHB
Szczegółowy opis  DUAL UART WITH 64-BYTE FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL16C752CRHB Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TL16C752CRHB Datasheet HTML 2Page - Texas Instruments TL16C752CRHB Datasheet HTML 3Page - Texas Instruments TL16C752CRHB Datasheet HTML 4Page - Texas Instruments TL16C752CRHB Datasheet HTML 5Page - Texas Instruments TL16C752CRHB Datasheet HTML 6Page - Texas Instruments TL16C752CRHB Datasheet HTML 7Page - Texas Instruments TL16C752CRHB Datasheet HTML 8Page - Texas Instruments TL16C752CRHB Datasheet HTML 9Page - Texas Instruments TL16C752CRHB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
Trigger Levels
TL16C752C
DUAL UART
WITH 64-BYTE FIFO
SLLS646 – MARCH 2008
A.
The vote logic determines whether the RX data is a logic 1 or 0. It takes three samples of the RX line and uses a
majority vote to determine the logic level received. The Vote logic operates on all bits received.
The TL16C752C UART is pin compatible with the TL16C2550 UART in the PFB package. It provides more
enhanced features. All additional features are provided through a special enhanced feature register.
The UART performs serial-to-parallel conversion on data characters received from peripheral devices or modems
and parallel-to-parallel conversion on data characters transmitted by the processor. The complete status of each
channel of the TL16C752C UART can be read at any time during functional operation by the processor.
The TL16C752C UART can be placed in an alternate mode (FIFO mode) relieving the processor of excessive
software overhead by buffering received/transmitted characters. Both the receiver and transmitter FIFOs can
store up to 64 bytes (including three additional bits of error status per byte for the receiver FIFO) and have
selectable or programmable trigger levels. Primary outputs RXRDY and TXRDY allow Signaling of DMA
transfers.
The TL16C752C UART has selectable hardware flow control and software flow control. Both schemes
significantly reduce software overhead and increase system efficiency by automatically controlling serial data
flow. Hardware flow control uses the RTS output and CTS input signals. Software flow control uses
programmable Xon/Xoff characters.
The TL16C752C includes a programmable baud rate generator that can divide the timing reference clock by a
divisor between 1 and 65535. A bit (MCR7) can be used to invoke a pre-scaler (divide by 4) off the reference
clock, prior to the baud rate generator input. The divide by 4 pre-scaler is selected when MCR7 is set to 1.
The TL16C752C UART provides independent selectable and programmable trigger levels for both receiver and
transmitter DMA and interrupt generation. After reset, both transmitter and receiver FIFOs are disabled and so, in
effect, the trigger level is the default value of one byte. The selectable trigger levels are available via the FCR.
The programmable trigger levels are available via the TLR.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TL16C752C


Podobny numer części - TL16C752CRHB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16C752CRHBR TI-TL16C752CRHBR Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CRHBR TI-TL16C752CRHBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CRHBRG4 TI-TL16C752CRHBRG4 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CRHBRG4 TI-TL16C752CRHBRG4 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

Podobny opis - TL16C752CRHB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com