Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM1209-110N Arkusz danych(PDF) 2 Page - Wall Industries,Inc.

Numer części AM1209-110N
Szczegółowy opis  This economically priced converter is perfect for low power applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALL [Wall Industries,Inc.]
Strona internetowa  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

AM1209-110N Arkusz danych(HTML) 2 Page - Wall Industries,Inc.

  AM1209-110N Datasheet HTML 1Page - Wall Industries,Inc. AM1209-110N Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
All specifications apply at 25ºC unless otherwise noted
.
DATA SHEET
AM SERIES
TO 1 WATT
www.wallindustries.com
2
603 778 2300
2/9/03
SPECIFICATION
VALUE
INPUT
Input Voltage Range
+/-5%
OUTPUT
Output Current
see model information table
Voltage Accuracy
+/-5%
Line Regulation
5Vout 14% max., 9,12,15Vout 8.5% max.
Load Regulation (10-100% load)
1.2%/1% of Vin max.
Ripple/Noise (20MHz BW)
5Vout 100mV p-p
9Vout 150mV p-p
12Vout 180mV p-p
15V out 190 mV p-p
GENERAL
Efficiency
see table
Isolation Voltage (input to output)
1000VDC
Switching Frequency
100kHz typ.
ENVIRONMENTAL
Operating Temperature (ambient)
0°C to +70°C
Storage Temperature
-40°C to +100°C
Cooling
free air convection
PHYSICAL
Dimensions
see drawing
Weight
< 1.5g
Case Material
plastic UL 94V-0
due to advances in technology, specifications subject to change without notice.


Podobny numer części - AM1209-110N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
AM1209-110N WALL-AM1209-110N Datasheet
419Kb / 4P
   1 Watt Surface Mount DC/DC Converter Single Output
More results

Podobny opis - AM1209-110N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
Ohmite Mfg. Co.
SINK-CSM OHMITE-SINK-CSM Datasheet
411Kb / 2P
   The economically priced CSM Series is suitable
logo
rfsolutions.ltd
M100EVO RFSOLUTIONS-M100EVO Datasheet
2Mb / 2P
   perfect solution for demanding M2M applications.
logo
Fairchild Semiconductor
MMBTA92 FAIRCHILD-MMBTA92 Datasheet
887Kb / 14P
   This device is designed for high voltage driver applications.
logo
List of Unclassifed Man...
KE4BT5D6A ETC2-KE4BT5D6A Datasheet
1Mb / 1P
   the perfect storage solution for mobile and embedded applications
logo
Kingston Technology Far...
EMMC04G-M627 KINGSTON-EMMC04G-M627 Datasheet
356Kb / 2P
   The Perfect storage solution for mobile and embedded applications
logo
List of Unclassifed Man...
KE4CN5B6A ETC2-KE4CN5B6A Datasheet
1Mb / 1P
   the perfect storage solution for mobile and embedded applications
logo
Kingston Technology Far...
EMMC KINGSTON-EMMC Datasheet
938Kb / 1P
   the perfect storage solution for mobile and embedded applications.
EMMC04G-W627 KINGSTON-EMMC04G-W627 Datasheet
3Mb / 2P
   The Perfect storage solution for mobile and embedded applications
logo
Power System Technology
FAB0307015 PST-FAB0307015 Datasheet
211Kb / 3P
   This range of power supplies is specially designed for DIN Rail mounting applications
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com