Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33063AQDRQ1 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części MC33063AQDRQ1
Szczegółowy opis  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

MC33063AQDRQ1 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button MC33063AQDRQ1 Datasheet HTML 5Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 6Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 7Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 8Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 9Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 10Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 11Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 12Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SLLS654A – APRIL 2005 – REVISED JANUARY 2007
MC33063AQ1
1.5A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Q
S
R
CT
Ipk
Q2
Q1
2
1
Oscillator
_
+
1.25-V
Reference
Regulator
4
5
3
8
7
6
RSC
0.24
953
R1
CO
1N5819
1500 pF
R2
8.2 k
100
µF
+
VCC
VOUT
−12 V/100 mA
1.0
µH
100
µF
VOUT
Optional Filter
VIN
4.5 V to
6.0 V
+
+
1000
µF
+
L
88
µH
Comparator
TEST
CONDITIONS
RESULTS
Line Regulation
VIN = 4.5 V to 6 V, IO = 100 mA
3 mV
± 0.12%
Load Regulation
VIN = 5 V, IO = 10 mA to 100 mA
0.022 V
± 0.09%
Output Ripple
VIN = 5 V, IO = 100 mA
500 mVPP
Short-Circuit Current
VIN = 5 V, RL = 0.1 Ω
910 mA
Efficiency
VIN = 5 V, IO = 100 mA
62.2%
Output Ripple With Optional Filter
VIN = 5 V, IO = 100 mA
70 mVPP
Figure 10. Voltage-Inverting Converter


Podobny numer części - MC33063AQDRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
logo
Texas Instruments
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
logo
Motorola, Inc
MC33063A MOTOROLA-MC33063A Datasheet
948Kb / 15P
   DC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
More results

Podobny opis - MC33063AQDRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com