Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

K0183-K01 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części K0183-K01
Szczegółowy opis  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

K0183-K01 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button K0183-K01 Datasheet HTML 4Page - List of Unclassifed Manufacturers K0183-K01 Datasheet HTML 5Page - List of Unclassifed Manufacturers K0183-K01 Datasheet HTML 6Page - List of Unclassifed Manufacturers K0183-K01 Datasheet HTML 7Page - List of Unclassifed Manufacturers K0183-K01 Datasheet HTML 8Page - List of Unclassifed Manufacturers K0183-K01 Datasheet HTML 9Page - List of Unclassifed Manufacturers K0183-K01 Datasheet HTML 10Page - List of Unclassifed Manufacturers K0183-K01 Datasheet HTML 11Page - List of Unclassifed Manufacturers K0183-K01 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
34
Siemens Matsushita Components
Chip thickness: r: 0,8
± 0,1 mm x: 1,2 ± 0,1 mm
Ordering codes for X7R/B characteristic, 25 Vdc, AgNiSn terminations (cont´d)
Size
0402/1005
0603/1608
0805/2012
1206/3216
CR
Ordering code 1)
B37921-
B37931-
B37941-
B37872-
82,0 nF
100,0 nF
120,0 nF
150,0 nF
180,0 nF
220,0 nF
-K0823-K62
-K0104-K62
x
x
-K0823-K62
-K0104-K62
-K0124-K62
-K0154-K62
-K0184-K62
-K0224-K62
r
r
r
r
x
x
1) The tables contain the ordering codes for the standard capacitance tolerance:
K =
± 10 %. Example: B37941-K0823-K62
For other available capacitance tolerances see page 27


Podobny numer części - K0183-K01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eichhoff Electronics,In...
K018-000 EICHHOFF-K018-000 Datasheet
82Kb / 1P
   FOUR-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K018-000 EICHHOFF-K018-000 Datasheet
75Kb / 1P
   Vierpol-Funk-Entst철rkondensatoren Four-pole Radio Interference Suppression
K018-000/500 EICHHOFF-K018-000/500 Datasheet
82Kb / 1P
   FOUR-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K018-000 EICHHOFF-K018-000_12 Datasheet
75Kb / 1P
   Vierpol-Funk-Entst철rkondensatoren Four-pole Radio Interference Suppression
K018-100 EICHHOFF-K018-100 Datasheet
75Kb / 1P
   Vierpol-Funk-Entst철rkondensatoren Four-pole Radio Interference Suppression
More results

Podobny opis - K0183-K01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com