Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ULN2071B Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części ULN2071B
Szczegółowy opis  80 V - 1.5 A QUAD DARLINGTON SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2071B Arkusz danych(HTML) 1 Page - STMicroelectronics

  ULN2071B Datasheet HTML 1Page - STMicroelectronics ULN2071B Datasheet HTML 2Page - STMicroelectronics ULN2071B Datasheet HTML 3Page - STMicroelectronics ULN2071B Datasheet HTML 4Page - STMicroelectronics ULN2071B Datasheet HTML 5Page - STMicroelectronics ULN2071B Datasheet HTML 6Page - STMicroelectronics ULN2071B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ULN2065B - ULN2067B
ULN2075B - ULN2077B
ULN2069B - ULN2071B
September 2003
80 V - 1.5 A QUAD DARLINGTON SWITCHES
®
.
OUTPUT CURRENT TO 1.5 A EACH DAR-
LINGTON
.
MINIMUM BREAKDOWN 80 V
.
SUSTAINING VOLTAGE AT LEAST 50 V
.
INTEGRAL
SUPPRESSION
DIODES
(ULN2065B,
ULN2067B,
ULN2069B
and
ULN2071B)
.
ISOLATED DARLINGTON PINOUT (ULN2075B
and ULN2077B)
.
VERSIONS COMPATIBLE WITH ALL POPU-
LAR LOGIC FAMILIES
POWERDIP
12 + 2 + 2
PIN CONNECTIONS AND ORDER CODES
ULN2065B
ULN2067B
ULN2069B
ULN2071B
ULN2075B
ULN2077B
DESCRIPTION
Designed to interface logic to a wide variety of high
current, high voltage loads, these devices each con-
tain four NPN darlington switches delivering up to
1.5 A with a specified minimum breakdown of 80 V
and a sustaining voltage of 50 V. The ULN2065B,
ULN2067B, ULN2069B and ULN2071B contain in-
tegral suppression diodes for inductive loads and
have common emitters ; the ULN2075B and
ULN2077B feature isolated darlington pinouts and
are intended for applications such as emitter fol-
lower configurations. Inputs of the ULN2065B,
ULN2069B and ULN2075B are compatible with
popular 5 V logic families and the ULN2067B,
ULN2071B and ULN2077B are compatible with 6-
15 VCMOS and PMOS. The ULN2069B and
ULN2071B include a predriver stage to provide ex-
tragain, reducing the load on control logic.
1/7


Podobny numer części - ULN2071B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ULN2071B STMICROELECTRONICS-ULN2071B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
More results

Podobny opis - ULN2071B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B Datasheet
279Kb / 14P
   50 V - 1.5 A quad Darlington switches
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
   QUAD 1.5 A DARLINGTON SWITCH
logo
Allegro MicroSystems
ULS-2064H ALLEGRO-ULS-2064H Datasheet
1Mb / 12P
   1.25 A QUAD DARLINGTON SWITCHES
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
   QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2878 ALLEGRO-2878 Datasheet
222Kb / 8P
   QUAD HIGH-CURRENT DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com