Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS1621D-28SKDIP Arkusz danych(PDF) 10 Page - List of Unclassifed Manufacturers

Numer części SS1621D-28SKDIP
Szczegółowy opis  RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SS1621D-28SKDIP Arkusz danych(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SS1621D-28SKDIP Datasheet HTML 6Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 9Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 10Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 11Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 12Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 13Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SS1621
p. 10
Last update: 2008-06-03 04:36
timer/WDT setting command, and an operat-
ing command. The data mode, on the other
hand,
includes
READ,
WRITE,
and
READ-MODIFY-WRITE operations. The
following are the data mode Ids and the com-
mand mode ID:
Operation
Mode
ID
READ
Data
1 1 0
WRITE
Data
1 0 1
READ-MODIFY-WRITE
Data
1 0 1
COMMAND
Command
1 0 0
The mode command should be issued
before the data or command is transferred. If
successive commands have been issued, the
command mode ID, namely 100, can be
omitted. While the system is operating in the
non-successive
command
or
the
non-successive address data mode, the CS
pin should be set to “1” and the previous op-
eration mode will be reset also. Once the CS
pin returns to “0” a new operation mode ID
should be issued first.
Interfacing
Only four lines are required to interface
with the SS1621. The CS line is used to ini-
tialize the serial interface circuit and to ter-
minate the communication between the host
controller and the SS1621. If the CS pin is
set to 1, the data and command issued be-
tween the host controller and the SS1621 are
first disabled and then initialized. Before is-
suing a mode command or mode switching, a
high level pulse is required to initialize the
serial interface of the SS1621. The DATA
line is the serial data input/output line. Data to
be read or written or commands to be written
have to be passed through the DATA line.
The RD line is the READ clock input. Data
in the RAM are clocked out on the falling
edge of the RD signal, and the clocked out
data will then appear on the DATA line. It is
recommended that the host controller read in
correct data during the interval between the
rising edge and the next falling edge of the
RD
signal. The WR line is the WRITE clock
input. The data, address, and command on the
DATA line are all clocked into the SS1621 on
the rising edge of the WR signal. There is an
optional IRQ line to be used as an interface
between the host controller and the SS1621.
The IRQ pin can be selected as a timer output
or a WDT overflow flag output by the S/W
setting. The host controller can perform the
time base or the WDT function by being con-
nected with the IRQ pin of the SS1621.


Podobny numer części - SS1621D-28SKDIP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SS16 PANJIT-SS16 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS16 BILIN-SS16 Datasheet
163Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS16 TSC-SS16 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
logo
Kingtronics Internation...
SS16 KINGTRONICS-SS16 Datasheet
347Kb / 2P
   1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SS16 WTE-SS16 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Podobny opis - SS1621D-28SKDIP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ESC1621 ETC-ESC1621 Datasheet
56Kb / 7P
   RAM Mapping 32 X 4 LCD Controller for I/O uC
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620_11 Datasheet
146Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_10 Datasheet
206Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_09 Datasheet
186Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1622 HOLTEK-HT1622_09 Datasheet
144Kb / 17P
   RAM Mapping 328 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_04 Datasheet
140Kb / 13P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1627 HOLTEK-HT1627 Datasheet
151Kb / 17P
   RAM Mapping 64x16 LCD Controller for I/O C
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com