Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX55C Arkusz danych(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

Numer części BZX55C
Szczegółowy opis  Zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YANGJIE [Yangzhou yangjie electronic co., ltd]
Strona internetowa  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

BZX55C Arkusz danych(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  BZX55C Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd BZX55C Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd BZX55C Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd BZX55C Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 6. Forward Current vs.Forward Voltage
0
0.2
0.4
0.6
0.8
1.0
100
10
1
0.1
0.01
0.001
1000
100
10
1
VF-Forward Voltage (V)
Vz-Z-Voltage (V)
Figure 7. Z-Current vs. Z-Voltage
100
80
60
40
20
0
0
5
8
12
16
20
50
40
30
20
10
0
15
20
25
30
35
Iz=1mA
0
5
10
15
20
25
Vz-Z-Voltage (V)
1000
100
10
1
10-1
100
101
102
tp- Pulse Length (ms)
Figure 8.Z-Current vs.Z-Voltage
Figure 10. Thermal Response
Figure 9. Differential Z-Resistance vs. Z-Volltage
Tj=250C
Vz- Z- Voltage (V)
Ptot=500mW
Tamb=250C
5mA
10mA
iZM=(-Vz+(Vz2+4rzj x*T/Zthp)1/2)/(2rzj)
Single Pulse
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
RthJA=300K/W
*T=Tjmax-Tamb
BZX55C Series


Podobny numer części - BZX55C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BZX55C VISHAY-BZX55C Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55C NJSEMI-BZX55C Datasheet
102Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Seme LAB
BZX55C SEME-LAB-BZX55C Datasheet
19Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
logo
Guangdong Kexin Industr...
BZX55C KEXIN-BZX55C Datasheet
1Mb / 3P
   Zener Diodes
logo
Fairchild Semiconductor
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
More results

Podobny opis - BZX55C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com