Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4002 Arkusz danych(PDF) 1 Page - TAITRON Components Incorporated

Numer części 1N4002
Szczegółowy opis  GENERAL PURPOSE SILICON RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAITRON [TAITRON Components Incorporated]
Strona internetowa  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4002 Arkusz danych(HTML) 1 Page - TAITRON Components Incorporated

  1N4002 Datasheet HTML 1Page - TAITRON Components Incorporated 1N4002 Datasheet HTML 2Page - TAITRON Components Incorporated 1N4002 Datasheet HTML 3Page - TAITRON Components Incorporated 1N4002 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4001~1N4007
GENERAL PURPOSE
SILICON RECTIFIER
General Purpose Silicon Rectifier
DO204AL
(DO-41)
Features
• Low forward voltage drop
• Low leakage current
• High forward surge current capability
• High temperature soldering guaranteed 265°C/10 seconds
/.037" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliant
Mechanical Data
Case:
DO-204AL, transfer molded plastic
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Plated axial leads, solderable per MIL-STD-202E,
Method 208C
Polarity:
Cathode indicated by color band
Mounting position:
Any
Weight:
0.012 Ounce, 0. 33 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Rev. C/WW 2006-06-30
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-247-2232 (800)-TAITRON (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 4


Podobny numer części - 1N4002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Silicon Co., Ltd
1N4002 FS-1N4002 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4002 DIODES-1N4002 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
ON Semiconductor
1N4002 ONSEMI-1N4002 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
More results

Podobny opis - 1N4002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE116 NTE-NTE116 Datasheet
18Kb / 2P
   General Purpose Silicon Rectifier
logo
Changzhou Shunye Electr...
1A1 SY-1A1 Datasheet
234Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1N4001S SY-1N4001S Datasheet
233Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201 SY-RL201 Datasheet
259Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
List of Unclassifed Man...
6A05 ETC1-6A05 Datasheet
744Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
10A05 ETC1-10A05 Datasheet
672Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
P600A-600M WINNERJOIN-P600A-600M Datasheet
185Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201-207 WINNERJOIN-RL201-207 Datasheet
173Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C_15 Datasheet
115Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Diotech Company.
1N4001G DIOTECH-1N4001G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1A1 DIOTECH-1A1 Datasheet
681Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com