Zakładka z wyszukiwarką danych komponentów |
|
1N4006G Arkusz danych(PDF) 2 Page - TAITRON Components Incorporated |
|
1N4006G Arkusz danych(HTML) 2 Page - TAITRON Components Incorporated |
2 / 4 page 1.0A General Purpose Silicon Rectifier 1N4001G~1N4007G Electrical Characteristics (T Ambient=25ºC unless noted otherwise) Symbol Description 1N40 01G 1N40 02G 1N40 03G 1N40 04G 1N40 05G 1N40 06G 1N40 07G Unit VF Maximum Instantaneous Forward current at 1.0A 1.1 V TA=25 ° C 5.0 IR Maximum DC Reverse current at rated DC blocking voltage TA=125 ° C 50 µA CJ Typical Junction Capacitance 15 pF Rθ-JA Thermal Resistance Junction to Air 50 ° C/W Note: 1. Measured at 1.0MHz and applied reverse voltage of 4.0 volts 2. Thermal Resistance from Junction to Ambient at .375" (9.5mm) lead length, P.C. board mounted. Typical Characteristics Curves Fig.1- Forward Current Derating Curve Ambient Temperature Ta (°C) Fig.2- Max. Non-Repetitive Forward Surge Current Number of Cycles at 60Hz Rev. A/AJ 2006-08-07 www.taitroncomponents.com Page 2 of 4 |
Podobny numer części - 1N4006G |
|
Podobny opis - 1N4006G |