Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4108 Arkusz danych(PDF) 3 Page - TAITRON Components Incorporated

Numer części 1N4108
Szczegółowy opis  500mW Low Noise Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAITRON [TAITRON Components Incorporated]
Strona internetowa  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4108 Arkusz danych(HTML) 3 Page - TAITRON Components Incorporated

  1N4108 Datasheet HTML 1Page - TAITRON Components Incorporated 1N4108 Datasheet HTML 2Page - TAITRON Components Incorporated 1N4108 Datasheet HTML 3Page - TAITRON Components Incorporated 1N4108 Datasheet HTML 4Page - TAITRON Components Incorporated 1N4108 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. A/DX 2007-05-15
www.taitroncomponents.com
Page 3 of 5
500mW Low Noise Zener Diodes
1N4614 – 1N4627/1N4099 – 1N4135
Nominal
Zener
Voltage
VZ
@
IZT
(Note1)
Zener
Test
Current
IZT
Maximum
Zener
Impedance
ZZT
Maximum Reverse
Leakage Current
IR @ VR
Maximum
Noise Density
ND @ IZT
(Fig.1)
Maximum
Zener
Current
IZM
(Note2)
Maximum
TEMP. Coeff. Of
Zener Voltage
αvz
Part Number
V
μA
μA
V
μV/Sq(HZ)
mA
%/° C
1N4120
30
250
200
0.01
22.80
40
13
0.095
1N4121
33
250
200
0.01
25.08
40
12
0.095
1N4122
36
250
200
0.01
27.38
40
11
0.095
1N4123
39
250
200
0.01
29.65
40
9.8
0.095
1N4124
43
250
250
0.01
32.65
40
8.9
0.095
1N4125
47
250
250
0.01
35.75
40
8.1
0.095
1N4126
51
250
300
0.01
38.76
40
7.5
0.100
1N4127
56
250
300
0.01
42.60
40
6.7
0.100
1N4128
60
250
400
0.01
45.60
40
6.4
0.100
1N4129
62
250
500
0.01
47.10
40
6.1
0.100
1N4130
68
250
700
0.01
51.68
40
5.6
0.100
1N4131
75
250
700
0.01
57.00
40
5.1
0.100
1N4132
82
250
800
0.01
62.32
40
4.6
0.100
1N4133
87
250
1000
0.01
66.12
40
4.4
0.100
1N4134
91
250
1200
0.01
69.16
40
4.2
0.100
1N4135
100
250
1500
0.01
76.00
40
3.8
0.100
Note 1: The part numbers shown above have a Zener voltage tolerance of ±5% of the
nominal Zener voltage. VZ is measured with the device junction in thermal equilibrium
at an ambient temperature of 25° C ± 3° C.
Note 2: Based upon 400mW maximum power dissipation at 25° C lead temperature, allowance
has been made for the higher voltage associated with operation at higher currents.


Podobny numer części - 1N4108

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Compensated Deuices Inc...
1N4108 CDI-DIODE-1N4108 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Micro Commercial Compon...
1N4108 MCC-1N4108 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4108 KNOX-1N4108 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4108 MICROSEMI-1N4108 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4108 MICROSEMI-1N4108 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results

Podobny opis - 1N4108

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jinan Gude Electronic D...
1N4099 JGD-1N4099 Datasheet
181Kb / 2P
   500mW LOW NOISE SILION ZENER DIODES
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
logo
TT Electronics.
1N6309BD2A TTELEC-1N6309BD2A Datasheet
182Kb / 4P
   500mW ZENER DIODES
logo
Seme LAB
1N6309BD2A SEME-LAB-1N6309BD2A Datasheet
182Kb / 4P
   500mW ZENER DIODES
logo
Central Semiconductor C...
CLL4614 CENTRAL-CLL4614_10 Datasheet
305Kb / 2P
   SURFACE MOUNT 500mW LOW NOISE SILICON ZENER DIODES 5% TOLERANCE
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com