Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1186-1ARQZ-REEL Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADM1186-1ARQZ-REEL
Szczegółowy opis  Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1186-1ARQZ-REEL Arkusz danych(HTML) 5 Page - Analog Devices

  ADM1186-1ARQZ-REEL Datasheet HTML 1Page - Analog Devices ADM1186-1ARQZ-REEL Datasheet HTML 2Page - Analog Devices ADM1186-1ARQZ-REEL Datasheet HTML 3Page - Analog Devices ADM1186-1ARQZ-REEL Datasheet HTML 4Page - Analog Devices ADM1186-1ARQZ-REEL Datasheet HTML 5Page - Analog Devices ADM1186-1ARQZ-REEL Datasheet HTML 6Page - Analog Devices ADM1186-1ARQZ-REEL Datasheet HTML 7Page - Analog Devices ADM1186-1ARQZ-REEL Datasheet HTML 8Page - Analog Devices ADM1186-1ARQZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADM1186
Rev. 0 | Page 5 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SEQ_DONE PIN
Output Low Voltage, VSEQ_DONEL
0.4
V
VVCC = 2.7 V, ISINK = 2 mA
Leakage Current
1
μA
SEQ_DONE = 5.5 V
VVCC That Guarantees Valid Outputs
1
V
Output is guaranteed to be either low (VSEQ_DONEL = 0.4 V)
or giving a valid output level from VVCC = 1 V, ISINK = 30 μA
or VVCC = 1.1 V, ISINK = 100 μA
RESPONSE TIMING
Includes input glitch filter and all other internal
delays
VINx to PWRGD
VINx Going Low to High
21.9
28.8
35.2
μs
50 mV input overdrive
VINx Going High to Low
5.8
7.3
8.9
μs
50 mV input overdrive
VINx to FAULT, OUTx Low
VINx Going High to Low (UV Fault)
6.1
7.5
9.2
μs
50 mV input overdrive
UP, DOWN, and UP/DOWN to FAULT,
OUTx Low, tUDOUT
5.5
8.6
12.1
μs
100 mV input overdrive
5.8
7.7
10.5
μs
1 V input overdrive
External FAULT to OUTx Low
10
μs
1 V input overdrive
Fault Hold Time
35
44
54
μs
UP, UP/DOWN held low
1 Input comparators do not include hysteresis on their inputs. The comparator output passes through a digital glitch filter to remove short transients from the input
signal that would otherwise drive the state machine.


Podobny numer części - ADM1186-1ARQZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1181 AD-ADM1181 Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM1181A AD-ADM1181A Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM1181A AD-ADM1181A Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Podobny opis - ADM1186-1ARQZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
   Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com