Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZV331 Arkusz danych(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Numer części AZV331
Szczegółowy opis  SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV331 Arkusz danych(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV331 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
7
Mar 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV331
7
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 8. Output Voltage vs. Output Sink Current
Figure 9. Output Voltage vs. Output Sink Current
Typical Performance Characteristics (Continued)
0
5
10
15
20
25
30
35
40
45
50
55
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
Output Sink Current (mA)
V
CC
=2.7V, V
EE
=0
Figure 10. Propagation Delay vs. Temperature
Figure 11. Propagation Delay vs. Input Overdrive Voltage
0
10
203040
50607080
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Output Sink Current (mA)
V
CC
=5V, V
EE
=0V
TA=25
oC, unless otherwise specified.
-40
-20
0
20
406080
100
120
150
160
170
180
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
340
350
TPHL tO 50%
TPLH tO 50%
Case Temperature (
oC)
V
CC
=5V, V
EE
=0V
Input Overdrive Voltage=100mV
R
L
=5.1k
0
20
40
60
80
100
120
140
160
180
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
PHL
to 50%
T
PLH
to 50%
V
CC
=5V, V
EE
=0V
R
L
=5.1k
Input Overdrive Voltage (mV)


Podobny numer części - AZV331

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331KSTR-E1 BCDSEMI-AZV331KSTR-E1 Datasheet
787Kb / 14P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV331KSTR-E1 DIODES-AZV331KSTR-E1 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331KSTR-G1 BCDSEMI-AZV331KSTR-G1 Datasheet
787Kb / 14P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV331KSTR-G1 DIODES-AZV331KSTR-G1 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

Podobny opis - AZV331

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
[Old version datasheet]   Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
[Old version datasheet]   Single General-Purpose Voltage Comparator
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
logo
Diodes Incorporated
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
   General-purpose low voltage comparator
logo
Texas Instruments
LM397MFX TI-LM397MFX Datasheet
800Kb / 14P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397 Datasheet
823Kb / 15P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
LM397MF TI-LM397MF Datasheet
800Kb / 14P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com