Zakładka z wyszukiwarką danych komponentów |
|
SM682K Arkusz danych(PDF) 2 Page - Cornell Dubilier Electronics |
|
SM682K Arkusz danych(HTML) 2 Page - Cornell Dubilier Electronics |
2 / 2 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com **Please note: Y5U Will no longer be available once stock is depleted. (2/23/05) High Voltage Highlights and Specifications Highly Efficient for Bypass and Coupling Applications Designed Around EIA Test Spec. RS-165ARadial Leads • • • EIA Class 2 Temperature/ Frequency Stable Ceramic Capacitors Ratings Capacitance Range: Voltage Range: Tolerance: Operating Temperature Range: Lead Length: Insulation Resistance: Power Factor @ 1000 Hz: Breakdown Voltage: 100 pF to 10,000 pF 2,000 and 3,000 WVDC 10%. 20% -30 ºC to +85 ºC 1 inch minimum 10,000 megohms (min) 2.5% Max 2.5 x rated(5 seconds Max) Size (inches) Size (Millimeters) Size (inches) Size (Millimeters) Part Number Capacity pF Tol Temp Coef D T S d D T S d Part Number Capacity pF Tol Temp Coef D T S d D T S d 2000 WVDC 3000 WVDC HS102M 1,000 20% Y5U** .394 .236 .252 .032 10.0 6.0 6.4 0.8 HT391K 390 10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8 HS152M 1,500 20% Y5U** .394 .236 .252 .032 10.0 6.0 6.4 0.8 HT471K 470 10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8 HS222M 2,200 20% Y5U** .433 .236 .252 .032 11.0 6.0 6.4 0.8 HT561K 560 10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8 HS332M 3,300 20% Y5U** .590 .236 .374 .032 15.0 6.0 9.5 0.8 HT681K 680 10% Y5P .433 .236 .374 .032 11.0 6.0 9.5 0.8 HS472M 4,700 20% Y5U** .590 .236 .374 .032 15.0 6.0 9.5 0.8 HT821K 820 10% Y5P .433 .236 .374 .032 11.0 6.0 9.5 0.8 HS682M 6,800 20% Y5U** .787 .236 .374 .032 20.0 6.0 9.5 0.8 HT102K 1,000 10% Y5P .590 .236 .374 .032 15.0 6.0 9.5 0.8 HS103M 10,000 20% Y5U** .787 .236 .374 .032 20.0 6.0 9.5 0.8 HT102M 1,000 20% Y5U** .394 .236 .374 .032 10.0 6.0 9.5 0.8 3000 WVDC HT122K 1,200 10% Y5P .590 .236 .374 .032 15.0 6.0 9.5 0.8 HT101K 100 10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8 HT152K 1,500 10% Y5P .590 .236 .374 .032 11.0 6.0 9.5 0.8 HT121K 120 10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8 HT152M 1,500 20% Y5U** .433 .236 .374 .032 11.0 6.0 9.5 0.8 HT151K 150 10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8 HT182K 1,800 10% Y5P .590 .236 .374 .032 15.0 6.0 9.5 0.8 HT181K 180 10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8 HT182M 1,800 20% Y5U** .433 .236 .374 .032 11.0 6.0 9.5 0.8 HT221K 220 10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8 HT222K 2,200 10% Y5P .787 .236 .374 .032 20.0 6.0 9.5 0.8 HT271K 270 10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8 HT222M 2,200 20% Y5U** .590 .236 .374 .032 15.0 6.0 9.5 0.8 HT331K 330 10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8 HT272K 2,700 10% Y5P .787 .236 .374 .032 20.0 6.0 9.5 0.8 HT332K 3,300 10% Y5P .787 .236 .374 .032 20.0 6.0 9.5 0.8 HT472M 4,700 20% Y5U** .787 .236 .374 .032 20.0 6.0 9.5 0.8 HT682M 6,800 20% Y5U** 0.787 .236 .374 .032 20.0 6.0 9.5 0.8 |
Podobny numer części - SM682K |
|
Podobny opis - SM682K |